Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 89 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 89 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 85Page - Microchip Technology DSPIC30F2010 Datasheet HTML 86Page - Microchip Technology DSPIC30F2010 Datasheet HTML 87Page - Microchip Technology DSPIC30F2010 Datasheet HTML 88Page - Microchip Technology DSPIC30F2010 Datasheet HTML 89Page - Microchip Technology DSPIC30F2010 Datasheet HTML 90Page - Microchip Technology DSPIC30F2010 Datasheet HTML 91Page - Microchip Technology DSPIC30F2010 Datasheet HTML 92Page - Microchip Technology DSPIC30F2010 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 204 page
background image
© 2008 Microchip Technology Inc.
DS70118H-page 89
dsPIC30F2010
FIGURE 14-4:
DEAD-TIME TIMING DIAGRAM
14.8
Independent PWM Output
An independent PWM Output mode is required for
driving certain types of loads. A particular PWM output
pair is in the Independent Output mode when the
corresponding PMOD bit in the PWMCON1 register is
set. No dead-time control is implemented between
adjacent PWM I/O pins when the module is operating
in the Independent mode and both I/O pins are allowed
to be active simultaneously.
In the Independent mode, each duty cycle generator is
connected to both of the PWM I/O pins in an output
pair. By using the associated duty cycle register and
the appropriate bits in the OVDCON register, the user
may select the following signal output options for each
PWM I/O pin operating in the Independent mode:
• I/O pin outputs PWM signal
• I/O pin inactive
• I/O pin active
14.9
Single Pulse PWM Operation
The PWM module produces single pulse outputs when
the PTCON control bits PTMOD<1:0> = 10. Only
edge-aligned outputs may be produced in the Single
Pulse mode. In Single Pulse mode, the PWM I/O pin(s)
are driven to the active state when the PTEN bit is set.
When a match with a duty cycle register occurs, the
PWM I/O pin is driven to the inactive state. When a
match with the PTPER register occurs, the PTMR reg-
ister is cleared, all active PWM I/O pins are driven to
the inactive state, the PTEN bit is cleared, and an
interrupt is generated.
14.10 PWM Output Override
The PWM output override bits allow the user to
manually drive the PWM I/O pins to specified logic
states, independent of the duty cycle comparison units.
All control bits associated with the PWM output
override function are contained in the OVDCON
register. The upper half of the OVDCON register
contains six bits, POVDxH<3:1> and POVDxL<3:1>,
that determine which PWM I/O pins will be overridden.
The lower half of the OVDCON register contains six
bits, POUTxH<3:1> and POUTxL<3:1>, that determine
the state of the PWM I/O pins when a particular output
is overridden via the POVD bits.
14.10.1
COMPLEMENTARY OUTPUT MODE
When a PWMxL pin is driven active via the OVDCON
register, the output signal is forced to be the
complement of the corresponding PWMxH pin in the
pair. Dead-time insertion is still performed when PWM
channels are overridden manually.
14.10.2
OVERRIDE SYNCHRONIZATION
If the OSYNC bit in the PWMCON2 register is set, all
output overrides performed via the OVDCON register
are synchronized to the PWM time base. Synchronous
output overrides occur at the following times:
• Edge-Aligned mode, when PTMR is zero.
• Center-Aligned modes, when PTMR is zero and
when the value of PTMR matches PTPER.
Duty Cycle Generator
PWMxH
PWMxL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com