Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 85 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 85 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 81Page - Microchip Technology DSPIC30F2010 Datasheet HTML 82Page - Microchip Technology DSPIC30F2010 Datasheet HTML 83Page - Microchip Technology DSPIC30F2010 Datasheet HTML 84Page - Microchip Technology DSPIC30F2010 Datasheet HTML 85Page - Microchip Technology DSPIC30F2010 Datasheet HTML 86Page - Microchip Technology DSPIC30F2010 Datasheet HTML 87Page - Microchip Technology DSPIC30F2010 Datasheet HTML 88Page - Microchip Technology DSPIC30F2010 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 204 page
background image
© 2008 Microchip Technology Inc.
DS70118H-page 85
dsPIC30F2010
14.1
PWM Time Base
The PWM time base is provided by a 15-bit timer with
a prescaler and postscaler. The time base is accessible
via the PTMR SFR. PTMR<15> is a read-only status
bit, PTDIR, that indicates the present count direction of
the PWM time base. If PTDIR is cleared, PTMR is
counting upwards. If PTDIR is set, PTMR is counting
downwards. The PWM time base is configured via the
PTCON SFR. The time base is enabled/disabled by
setting/clearing the PTEN bit in the PTCON SFR.
PTMR is not cleared when the PTEN bit is cleared in
software.
The PTPER SFR sets the counting period for PTMR.
The user must write a 15-bit value to PTPER<14:0>.
When the value in PTMR<14:0> matches the value in
PTPER<14:0>, the time base will either Reset to ‘0’, or
reverse the count direction on the next occurring clock
cycle. The action taken depends on the Operating
mode of the time base.
The PWM time base can be configured for four different
modes of operation:
• Free Running mode
• Single Shot mode
• Continuous Up/Down Count mode
• Continuous Up/Down Count mode with interrupts
for double updates
These four modes are selected by the PTMOD<1:0>
bits in the PTCON SFR. The Up/Down Counting modes
support center-aligned PWM generation. The Single
Shot mode allows the PWM module to support pulse
control of certain Electronically Commutative Motors
(ECMs).
The interrupt signals generated by the PWM time base
depend on the mode selection bits (PTMOD<1:0>) and
the postscaler bits (PTOPS<3:0>) in the PTCON SFR.
14.1.1
FREE RUNNING MODE
In the Free Running mode, the PWM time base counts
upwards until the value in the Time Base Period
register (PTPER) is matched. The PTMR register is
reset on the following input clock edge and the time
base will continue to count upwards as long as the
PTEN bit remains set.
When the PWM time base is in the Free Running mode
(PTMOD<1:0> = 00), an interrupt event is generated
each time a match with the PTPER register occurs and
the PTMR register is Reset to zero. The postscaler
selection bits may be used in this mode of the timer to
reduce the frequency of the interrupt events.
14.1.2
SINGLE-SHOT MODE
In the Single-Shot Counting mode, the PWM time base
begins counting upwards when the PTEN bit is set.
When the value in the PTMR register matches the
PTPER register, the PTMR register will be reset on the
following input clock edge and the PTEN bit will be
cleared by the hardware to halt the time base.
When the PWM time base is in the Single-Shot mode
(PTMOD<1:0> = 01), an interrupt event is generated
when a match with the PTPER register occurs, the
PTMR register is reset to zero on the following input
clock edge, and the PTEN bit is cleared. The postscaler
selection bits have no effect in this mode of the timer.
14.1.3
CONTINUOUS UP/DOWN
COUNTING MODES
In the Continuous Up/Down Counting modes, the PWM
time base counts upwards until the value in the PTPER
register is matched. The timer will begin counting
downwards on the following input clock edge. The
PTDIR bit in the PTCON SFR is read-only and indi-
cates the counting direction The PTDIR bit is set when
the timer counts downwards.
In the Up/Down Counting mode (PTMOD<1:0> = 10),
an interrupt event is generated each time the value of
the PTMR register becomes zero and the PWM time
base begins to count upwards. The postscaler
selection bits may be used in this mode of the timer to
reduce the frequency of the interrupt events.
Note:
If the period register is set to 0x0000, the
timer will stop counting, and the interrupt
and the special event trigger will not be
generated, even if the special event value
is also 0x0000. The module will not update
the period register if it is already at
0x0000; therefore, the user must disable
the module in order to update the period
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com