Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 59 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 59 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 55Page - Microchip Technology DSPIC30F2010 Datasheet HTML 56Page - Microchip Technology DSPIC30F2010 Datasheet HTML 57Page - Microchip Technology DSPIC30F2010 Datasheet HTML 58Page - Microchip Technology DSPIC30F2010 Datasheet HTML 59Page - Microchip Technology DSPIC30F2010 Datasheet HTML 60Page - Microchip Technology DSPIC30F2010 Datasheet HTML 61Page - Microchip Technology DSPIC30F2010 Datasheet HTML 62Page - Microchip Technology DSPIC30F2010 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 204 page
background image
© 2008 Microchip Technology Inc.
DS70118H-page 59
dsPIC30F2010
9.0
INPUT CAPTURE MODULE
This section describes the Input Capture module and
associated operational modes. The features provided
by this module are useful in applications requiring
Frequency (Period) and Pulse measurement. Figure 9-
1 depicts a block diagram of the Input Capture module.
Input capture is useful for such modes as:
• Frequency/Period/Pulse Measurements
• Additional sources of External Interrupts
The key operational features of the Input Capture
module are:
• Simple Capture Event mode
• Timer2 and Timer3 mode selection
• Interrupt on input capture event
These operating modes are determined by setting the
appropriate bits in the ICxCON register (where
x = 1,2,...,N). The dsPIC DSC devices contain up to
eight capture channels, (i.e., the maximum value of
N is 8).
FIGURE 9-1:
INPUT CAPTURE MODE BLOCK DIAGRAM
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046).
Note:
The
dsPIC30F2010
device
has
four
capture inputs – IC1, IC2, IC7 and IC8.
The
naming
of
these
four
capture
channels is intentional and preserves
software compatibility with other dsPIC
DSC devices.
ICxBUF
Prescaler
ICx
ICM<2:0>
Mode Select
3
Note:
Where ‘x’ is shown, reference is made to the registers or bits associated to the respective input capture channels 1 through N.
10
Set Flag
Pin
ICxIF
ICTMR
T2_CNT
T3_CNT
Edge
Detection
Logic
Clock
Synchronizer
1, 4, 16
From General Purpose Timer Module
16
16
FIFO
R/W
Logic
ICI<1:0>
ICBNE, ICOV
ICxCON
Interrupt
Logic
Set Flag
ICxIF
Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com