Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 11 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 11 Page - Microchip Technology

Back Button DSPIC30F2010 Datasheet HTML 7Page - Microchip Technology DSPIC30F2010 Datasheet HTML 8Page - Microchip Technology DSPIC30F2010 Datasheet HTML 9Page - Microchip Technology DSPIC30F2010 Datasheet HTML 10Page - Microchip Technology DSPIC30F2010 Datasheet HTML 11Page - Microchip Technology DSPIC30F2010 Datasheet HTML 12Page - Microchip Technology DSPIC30F2010 Datasheet HTML 13Page - Microchip Technology DSPIC30F2010 Datasheet HTML 14Page - Microchip Technology DSPIC30F2010 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 204 page
background image
© 2008 Microchip Technology Inc.
DS70118H-page 11
dsPIC30F2010
2.0
CPU ARCHITECTURE
OVERVIEW
2.1
Core Overview
The core has a 24-bit instruction word. The Program
Counter (PC) is 23 bits wide with the Least Significant
bit (LSb) always clear (see Section 3.1 “Program
Address Space”), and the Most Significant bit (MSb)
is ignored during normal program execution, except for
certain specialized instructions. Thus, the PC can
address up to 4M instruction words of user program
space. An instruction prefetch mechanism is used to
help maintain throughput. Program loop constructs,
free from loop count management overhead, are
supported using the DO and REPEAT instructions, both
of which are interruptible at any point.
The working register array consists of 16x16-bit
registers, each of which can act as data, address or
offset registers. One working register (W15) operates
as a software Stack Pointer for interrupts and calls.
The data space is 64 Kbytes (32K words) and is split
into two blocks, referred to as X and Y data memory.
Each
block
has
its
own
independent
Address
Generation Unit (AGU). Most instructions operate
solely through the X memory AGU, which provides the
appearance of a single unified data space. The
Multiply-Accumulate (MAC) class of dual source DSP
instructions operate through both the X and Y AGUs,
splitting the data address space into two parts (see
Section 3.2 “Data Address Space”). The X and Y
data space boundary is device specific and cannot be
altered by the user. Each data word consists of 2 bytes,
and most instructions can address data either as words
or bytes.
There are two methods of accessing data stored in
program memory:
• The upper 32 Kbytes of data space memory can be
mapped into the lower half (user space) of program
space at any 16K program word boundary, defined
by the 8-bit Program Space Visibility Page
(PSVPAG) register. This lets any instruction access
program space as if it were data space, with a
limitation that the access requires an additional
cycle. Moreover, only the lower 16 bits of each
instruction word can be accessed using this
method.
• Linear indirect access of 32K word pages within
program space is also possible using any working
register, via table read and write instructions.
Table read and write instructions can be used to
access all 24 bits of an instruction word.
Overhead-free circular buffers (Modulo Addressing)
are supported in both X and Y address spaces. This is
primarily intended to remove the loop overhead for
DSP algorithms.
The X AGU also supports Bit-Reversed Addressing on
destination effective addresses, to greatly simplify input
or output data reordering for radix-2 FFT algorithms.
Refer to Section 4.0 “Address Generator Units” for
details on Modulo and Bit-Reversed Addressing.
The core supports Inherent (no operand), Relative,
Literal, Memory Direct, Register Direct, Register
Indirect, Register Offset and Literal Offset Addressing
modes. Instructions are associated with predefined
Addressing modes, depending upon their functional
requirements.
For most instructions, the core is capable of executing
a data (or program data) memory read, a working
register (data) read, a data memory write and a
program (instruction) memory read per instruction
cycle.
As
a
result,
3-operand
instructions
are
supported, allowing C = A + B operations to be
executed in a single cycle.
A DSP engine has been included to significantly enhance
the core arithmetic capability and throughput. It features
a high-speed 17-bit by 17-bit multiplier, a 40-bit ALU, two
40-bit saturating accumulators and a 40-bit bidirectional
barrel shifter. Data in the accumulator or any working reg-
ister can be shifted up to 15 bits right or 16 bits left in a
single cycle. The DSP instructions operate seamlessly
with all other instructions and have been designed for
optimal real-time performance. The MAC class of
instructions can concurrently fetch two data operands
from memory, while multiplying two W registers. To
enable this concurrent fetching of data operands, the
data space has been split for these instructions and linear
for all others. This has been achieved in a transparent
and flexible manner, by dedicating certain working
registers to each address space for the MAC class of
instructions.
The core does not support a multi-stage instruction
pipeline. However, a single stage instruction prefetch
mechanism is used, which accesses and partially
decodes instructions a cycle ahead of execution, in order
to maximize available execution time. Most instructions
execute in a single cycle, with certain exceptions.
The core features a vectored exception processing struc-
ture for traps and interrupts, with 62 independent vectors.
The exceptions consist of up to 8 traps (of which 4 are
reserved) and 54 interrupts. Each interrupt is prioritized
based on a user-assigned priority between 1 and 7
(1 being the lowest priority and 7 being the highest) in
conjunction with a predetermined ‘natural order’. Traps
have fixed priorities, ranging from 8 to 15.
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “dsPIC30F/33F Programmer’s
Reference Manual” (DS70157).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com