Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV4504 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AV4504
Description  Ultra-miniature Size, Light-weight Snap action Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AV4504 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AV4504 Datasheet HTML 1Page - Panasonic Semiconductor AV4504 Datasheet HTML 2Page - Panasonic Semiconductor AV4504 Datasheet HTML 3Page - Panasonic Semiconductor AV4504 Datasheet HTML 4Page - Panasonic Semiconductor AV4504 Datasheet HTML 5Page - Panasonic Semiconductor AV4504 Datasheet HTML 6Page - Panasonic Semiconductor AV4504 Datasheet HTML 7Page - Panasonic Semiconductor AV4504 Datasheet HTML 8Page - Panasonic Semiconductor AV4504 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AV4 (FU) Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
AECTB16E 202110
Panasonic Corporation 2021
RATING
Contact rating
Load type
Type of contact
Resistive load (cosφ ≒ 1)
Ag plated contact Plunger color: Black
0.5 A 30 V DC
Au plated contact Plunger color: Dark red
0.1 A 30 V DC
Specifications
Items
Specifications
Expected
life
Mechanical (OT) Max.
Min. 3 × 105 operations (at 60 cpm)
Electrical
(OT) Max.
Ag plated contact
Min. 2 × 104 operations (0.5 A 30 V DC; at 20 cpm)
Au plated contact
Min. 2 × 105 operations (0.1 A 30 V DC; at 20 cpm)
Insulation resistance
Min. 100 MΩ (250 V DC by insulation resistance meter)
Dielectric
strength
Between non-continuous terminals
500 Vrms for 1 min
Between each terminal and other exposed metal parts 500 Vrms for 1 min
Between each terminal and ground
500 Vrms for 1 min
Contact resistance (initial)
Max. 200 mΩ
Vibration resistance
Pin plunger type
10 to 55 Hz at single amplitude of 0.75 mm (contact opening: max. 1 msec)
Lever type
10 to 55 Hz at single amplitude of 0.15 mm (contact opening: max. 1 msec)
Shock resistance
Pin plunger type
Min. 294 m/s2 (contact opening: max. 1 msec)
Lever type
Min. 147 m/s2 (contact opening: max. 1 msec)
Allowable operation speed
0.1 to 500 mm/s (pin plunger type)
Mechanical max. switching frequency
60 operations/min
Ambient temperature
–25 to +80°C (no freezing and condensing)
Unit weight
P/C board terminal type: Approx. 0.2 g
Solder terminal with mounting holes type: Approx. 0.3 g
Protection grade
IP40
Note: Test conditions and judgement are in accordance with NECA C 4505.
Operating characteristics
1) P/C board terminal
Actuators
Operating Force
(OF) Max.
Release Force
(RF) Min.
Pretravel
(PT) Max.
Movement
Differential
(MD) Max.
Overtravel
(OT) Min.
Operating Position
(OP)
Pin plunger
0.98 N
0.098 N
0.3 mm
0.1 mm
0.1 mm
4.8±0.15 mm
Hinge lever
0.25 N
0.010 N
2.4 mm
0.7 mm
0.4 mm
5.8±0.7 mm
Simulated roller lever
0.29 N
0.010 N
2.2 mm
0.7 mm
0.3 mm
6.1±0.7 mm
2) Solder terminal
Actuators
Operating Force
(OF) Max.
Release Force
(RF) Min.
Pretravel
(PT) Max.
Movement
Differential
(MD) Max.
Overtravel
(OT) Min.
Operating Position
(OP)
Pin plunger
0.98 N
0.098 N
0.3 mm
0.1 mm
0.1 mm
5.4±0.15 mm
Hinge lever
0.25 N
0.020 N
2.4 mm
0.7 mm
0.4 mm
6.4±0.6 mm
Simulated roller lever
0.29 N
0.020 N
2.2 mm
0.7 mm
0.3 mm
6.7±0.5 mm
ー 2 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com