Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV4504 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AV4504
Description  Ultra-miniature Size, Light-weight Snap action Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AV4504 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AV4504 Datasheet HTML 1Page - Panasonic Semiconductor AV4504 Datasheet HTML 2Page - Panasonic Semiconductor AV4504 Datasheet HTML 3Page - Panasonic Semiconductor AV4504 Datasheet HTML 4Page - Panasonic Semiconductor AV4504 Datasheet HTML 5Page - Panasonic Semiconductor AV4504 Datasheet HTML 6Page - Panasonic Semiconductor AV4504 Datasheet HTML 7Page - Panasonic Semiconductor AV4504 Datasheet HTML 8Page - Panasonic Semiconductor AV4504 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AECTB16E 202110
Panasonic Corporation 2021
FEATURES
Type available with mounting holes that are easy to
install and that can be directly soldered
P/C board terminal type with international 2.54 mm
pitch for dense mounting
Mechanical long life: 300,000 operations minimum
Protection grade: IP40
Ultra-miniature Size, Light-weight Snap action Switches
AV4 (FU) Switches
For detection: Non Seal Type Switches
TYPICAL APPLICATIONS
Compact visual equipment
Compact audio equipment
Office automation equipment
Other small portable electronic devices
ORDERING INFORMATION (PART NO.)
AV 4
4
Actuators
0: Pin plunger
2: Hinge lever
4: Simulated roller lever
Contact material
Nil: Ag plated contact
61: Au plated contact
Terminals
0: Solder terminal with mounting holes
(φ1.65 mm)
4: P/C board straight terminal
5: P/C board angle terminal
(Right angle terminal)
6: P/C board reverse angle terminal
(Left angle terminal)
Operating Force OF, Max.
(by pin plunger)
4: 0.98 N
TYPES
Type of contacts
Actuator
Operating Force
(OF) Max.
Part No.
P/C board terminal
Solder terminal with
mounting holes
Straight terminal
Right angle terminal Left angle terminal
Ag plated contact
type
Pin plunger
0.98 N
AV4404
AV4504
AV4604
AV4004
Hinge lever
0.25 N
AV4424
AV4524
AV4624
AV4024
Simulated roller lever
0.29 N
AV4444
AV4544
AV4644
AV4044
Au plated contact
type
Pin plunger
0.98 N
AV440461
AV450461
AV460461
AV400461
Hinge lever
0.25 N
AV442461
AV452461
AV462461
AV402461
Simulated roller lever
0.29 N
AV444461
AV454461
AV464461
AV404461
Note: Color of plunger
Ag plated contact type: black
Au plated contact type: dark red
industrial.panasonic.com/ac/e/
2021.10
ー 1 ー


Similar Part No. - AV4504

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AV4504 PANASONIC-AV4504 Datasheet
316Kb / 11P
Automation Controls Catalog
2014.08
AV450461 PANASONIC-AV450461 Datasheet
120Kb / 5P
ONE OF THE SMALLEST SNAP-ACTION SWITCHES
AV450461 PANASONIC-AV450461 Datasheet
316Kb / 11P
Automation Controls Catalog
2014.08
AV4504NIL PANASONIC-AV4504NIL Datasheet
120Kb / 5P
ONE OF THE SMALLEST SNAP-ACTION SWITCHES
More results

Similar Description - AV4504

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NCT DBLECTRO-NCT Datasheet
116Kb / 2P
Ultra small size, light weight.
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
SNAP ACTION SWITCHES-MINIATURE
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
SNAP ACTION SWITCHES
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
SNAP ACTION SWITCHES - SUB-MINIATURE
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
SNAP ACTION SWITCHES - SUB-MINIATURE
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
SNAP ACTION SWITCHES - SUB-MINIATURE
logo
Hirose Electric
DT1A-A1AA HIROSE-DT1A-A1AA Datasheet
663Kb / 3P
Snap-Action Switches Light operating force
logo
Grayhill, Inc
38EWSP7B1M1QT GRAYHILL-38EWSP7B1M1QT Datasheet
521Kb / 5P
Sealed Snap Action Miniature Pushbutton Switches
logo
PETERMANN-TECHNIK
SMD01612 PETERMANN-SMD01612_15 Datasheet
660Kb / 4P
Ultra miniature size and light weight
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
Snap Action Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com