Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV4504 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AV4504
Description  Ultra-miniature Size, Light-weight Snap action Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AV4504 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AV4504 Datasheet HTML 3Page - Panasonic Semiconductor AV4504 Datasheet HTML 4Page - Panasonic Semiconductor AV4504 Datasheet HTML 5Page - Panasonic Semiconductor AV4504 Datasheet HTML 6Page - Panasonic Semiconductor AV4504 Datasheet HTML 7Page - Panasonic Semiconductor AV4504 Datasheet HTML 8Page - Panasonic Semiconductor AV4504 Datasheet HTML 9Page - Panasonic Semiconductor AV4504 Datasheet HTML 10Page - Panasonic Semiconductor AV4504 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AV4 (FU) Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
AECTB16E 202110
Panasonic Corporation 2021
General tolerance: ±0.15
Note) All other dimensions are the same as those of pin plunger type.
0.8
2.5
0.6
φ1.65
3.0
6.5
0.8
1.2
4.0
7.5
General tolerance: ±0.15
Note) All other dimensions are the same as those of pin plunger type.
φ1.65
R0.6
5.5
3.0
2.5
0.8
Hinge lever
External dimensions
Pretravel (PT) Max.
2.4 mm
Movement Differential (MD) Max.
0.7 mm
Overtravel (OT) Min.
0.4 mm
Operating Position (OP)
6.4±0.6 mm
Free Position (FP) Max.
9.0 mm
Simulated roller lever
External dimensions
Pretravel (PT) Max.
2.2 mm
Movement Differential (MD) Max.
0.7 mm
Overtravel (OT) Min.
0.3 mm
Operating Position (OP)
6.7±0.5 mm
Free Position (FP) Max.
9.4 mm
ー 7 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com