Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV4504 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AV4504
Description  Ultra-miniature Size, Light-weight Snap action Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AV4504 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button AV4504 Datasheet HTML 4Page - Panasonic Semiconductor AV4504 Datasheet HTML 5Page - Panasonic Semiconductor AV4504 Datasheet HTML 6Page - Panasonic Semiconductor AV4504 Datasheet HTML 7Page - Panasonic Semiconductor AV4504 Datasheet HTML 8Page - Panasonic Semiconductor AV4504 Datasheet HTML 9Page - Panasonic Semiconductor AV4504 Datasheet HTML 10Page - Panasonic Semiconductor AV4504 Datasheet HTML 11Page - Panasonic Semiconductor AV4504 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AV4 (FU) Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
AECTB16E 202110
Panasonic Corporation 2021
GUIDELINES FOR USAGE
Fastening of the switch body
1) In fastening the switch body, use the M1.4 screw (3 types
... screw head diameter from 2.4 dia. to 2.6 dia.), with
tightening torque of not more than 0.098 N·m.
2) In setting the movement after operation, the over-travel
should be set within the range of the minimum OT value.
Please set up so that a operation object does not apply
force to the switch body.
Environment
Avoid using and storing these switches in a location where
they will be exposed to corrosive gases, silicon, or high dust
levels, all of which can have an adverse effect on the contacts.
Soldering
1) Manual soldering should be accomplished within 5 seconds
with max. 320°C iron. Care should be taken not to apply
force to the terminals during soldering.
2) Terminal portion must not be moved within 1 minute after
soldering. Also no tensile strength of lead wires should be
applied to the terminals.
3) When using the angle terminal type, insert an insulation
separator between the switch body and the P/C board
(Insulation separator 0.2 to 0.4 mm thick) to prevent the
soldering flux from flowing under the P/C board.
Cleaning
As AV4 (FU) switch is not completely sealed construction,
avoid cleaning.
Selection of switch
Please make your selection so that there will be no problems
even if the operating characteristics vary up to ±20% from the
standard values.
When switching low-level circuits (max. 100 mA), Au
plated contact types are recommended.
Please refer to
"the latest product specifications"
when designing your product.
•Requests to customers:
https://industrial.panasonic.com/ac/e/salespolicies/
ー 8 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com