Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV4504 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AV4504
Description  Ultra-miniature Size, Light-weight Snap action Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AV4504 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AV4504 Datasheet HTML 1Page - Panasonic Semiconductor AV4504 Datasheet HTML 2Page - Panasonic Semiconductor AV4504 Datasheet HTML 3Page - Panasonic Semiconductor AV4504 Datasheet HTML 4Page - Panasonic Semiconductor AV4504 Datasheet HTML 5Page - Panasonic Semiconductor AV4504 Datasheet HTML 6Page - Panasonic Semiconductor AV4504 Datasheet HTML 7Page - Panasonic Semiconductor AV4504 Datasheet HTML 8Page - Panasonic Semiconductor AV4504 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AV4 (FU) Switches
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
AECTB16E 202110
Panasonic Corporation 2021
General tolerance: ±0.15
0.8
2.5
0.55
0.55
1.7
0.6
R0.75
1.0
1.9
φ0.65
0.6
0.96
4.0
2.54
2.54
5.08
7.5
0.4
0.8
2.54
2.54
3-φ1.0+0.08
+0.02
General tolerance: ±0.15
Note) All other dimensions are the same as those of pin plunger type.
2.5
3.0
6.5
0.55
0.55
0.8
2.5
1.7
0.6
DIMENSIONS
CAD
The CAD data of the products with a “CAD” mark can be downloaded from our Website.
Unit: mm
CAD
Straight terminal
• Pin plunger
External dimensions
P/C board terminal
P/C board pattern
Pretravel (PT) Max.
0.3 mm
Movement Differential (MD) Max.
0.1 mm
Overtravel (OT) Min.
0.1 mm
Operating Position (OP)
4.8±0.15 mm
Free Position (FP) Max.
5.2 mm
• Hinge lever type
External dimensions
Pretravel (PT) Max.
2.4 mm
Movement Differential (MD) Max.
0.7 mm
Overtravel (OT) Min.
0.4 mm
Operating Position (OP)
5.8±0.7 mm
Free Position (FP) Max.
7.5 mm
ー 4 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com