Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F167 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST10F167
Description  16-BIT MCU WITH 128K BYTE FLASH MEMORY
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F167 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST10F167 Datasheet HTML 60Page - STMicroelectronics ST10F167 Datasheet HTML 61Page - STMicroelectronics ST10F167 Datasheet HTML 62Page - STMicroelectronics ST10F167 Datasheet HTML 63Page - STMicroelectronics ST10F167 Datasheet HTML 64Page - STMicroelectronics ST10F167 Datasheet HTML 65Page - STMicroelectronics ST10F167 Datasheet HTML 66Page - STMicroelectronics ST10F167 Datasheet HTML 67Page - STMicroelectronics ST10F167 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
64/69
ST10F167
Figure 20.15 CLKOUT and READY
Notes 1:Cycle as programmed, including MCTC waitstates (Example shows 0 MCTC WS).
2:The leading edge of the respective command depends on RW-delay.
3:READY sampled HIGH at this sampling point generates a READY controlled waitstate,
READY sampled LOW at this sampling point terminates the currently running bus cycle.
4:READY may be deactivated in response to the trailing (rising) edge of the corresponding com-
mand (RD or WR).
5:If the Asynchronous READY signal does not fulfil the indicated setup and hold times with respect
to CLKOUT (e.g. because CLKOUT is not enabled), it must fulfil
t37 in order to be safely syn-
chronized. This is guaranteed, if READY is removed in response to the command (see Note 4)).
6:Multiplexed bus modes have a MUX waitstate added after a bus cycle, and an additional MTTC
waitstate may be inserted here.
For a multiplexed bus with MTTC waitstate this delay is 2 CLKOUT cycles, for a demultiplexed
bus without MTTC waitstate this delay is zero.
7:The next external bus cycle may start here.
CLKOUT
ALE
t
30
t34
Sync
READY
t
35
t
36
t
35
t
36
Async
READY
t
58
t
59
t
58
t
59
waitstate
READY
MUX/Tristate 6)
t
32
t
33
t
29
Running cycle 1)
t
31
t
37
3)
3)
5)
Command
RD, WR
t
60
4)
see 6)
2)
7)
3)
3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com