Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F167 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST10F167
Description  16-BIT MCU WITH 128K BYTE FLASH MEMORY
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F167 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST10F167 Datasheet HTML 61Page - STMicroelectronics ST10F167 Datasheet HTML 62Page - STMicroelectronics ST10F167 Datasheet HTML 63Page - STMicroelectronics ST10F167 Datasheet HTML 64Page - STMicroelectronics ST10F167 Datasheet HTML 65Page - STMicroelectronics ST10F167 Datasheet HTML 66Page - STMicroelectronics ST10F167 Datasheet HTML 67Page - STMicroelectronics ST10F167 Datasheet HTML 68Page - STMicroelectronics ST10F167 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
68/69
ST10F167
21
PACKAGE MECHANICAL DATA
Figure 21.1
Package Outline PQFP144 (28 x 28 mm)
22
ORDERING INFORMATION
Salestype
Temperature range
Package
ST10F167-Q6
-40
°Cto 85°C
PQFP144 (28 x 28)
VR02061A
Dim
mm
inches
min
ty
max
min
ty
max
A
4.07
0.106
A1
0.25
0.010
A2
3.17
3.42
3.67
0.125
0.315
0.144
B
0.22
0.38
0.009
0.015
C
0.13
0.23
0.005
0.009
D
30.95
31.20
31.45
1.129
1.228
1.238
D1
27.90
28.00
28.10
1.098
1.120
1.106
D3
22.75
0.896
e
0.65
0.02-
E
30.95
31.20
31.45
1.219
1.228
1.238
E1
27.90
28.00
28.10
1.098
1.102
1.106
E3
22.75
0.896
L
0.65
0.80
0.95
0.026
0.031
0.037
L1
1.60
0.063
K0
°(min), 7°(max)
Number of Pins
N1
144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com