Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F167 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST10F167
Description  16-BIT MCU WITH 128K BYTE FLASH MEMORY
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F167 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST10F167 Datasheet HTML 61Page - STMicroelectronics ST10F167 Datasheet HTML 62Page - STMicroelectronics ST10F167 Datasheet HTML 63Page - STMicroelectronics ST10F167 Datasheet HTML 64Page - STMicroelectronics ST10F167 Datasheet HTML 65Page - STMicroelectronics ST10F167 Datasheet HTML 66Page - STMicroelectronics ST10F167 Datasheet HTML 67Page - STMicroelectronics ST10F167 Datasheet HTML 68Page - STMicroelectronics ST10F167 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
67/69
ST10F167
Figure 20.17 External Bus Arbitration (Regaining the Bus)
Notes 1:This is the last chance for BREQ to trigger the indicated regain-sequence.
Even if BREQ is activated earlier, the regain-sequence is initiated by HOLD going high.
Please note that HOLD may also be deactivated without the ST10F167 requesting the bus.
2:The next ST10F167 driven bus cycle may start here.
CLKOUT
HOLD
HLDA
Other
Signals
t
62
CSx
(On P6.x)
t
67
t
62
1)
2)
t
65
t
61
BREQ
t
63
t
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com