Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F167 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST10F167
Description  16-BIT MCU WITH 128K BYTE FLASH MEMORY
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F167 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST10F167 Datasheet HTML 61Page - STMicroelectronics ST10F167 Datasheet HTML 62Page - STMicroelectronics ST10F167 Datasheet HTML 63Page - STMicroelectronics ST10F167 Datasheet HTML 64Page - STMicroelectronics ST10F167 Datasheet HTML 65Page - STMicroelectronics ST10F167 Datasheet HTML 66Page - STMicroelectronics ST10F167 Datasheet HTML 67Page - STMicroelectronics ST10F167 Datasheet HTML 68Page - STMicroelectronics ST10F167 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
65/69
ST10F167
20.5.10 External Bus Arbitration
VDD =5 V ± 5%, VSS =0 V, TA = -40 to +85 °C
CL (for PORT0, PORT1, Port 4, ALE, RD, WR, BHE, CLKOUT) = 100 pF, CL (for Port 6, CS) = 100 pF
Table 20.9
External Bus Arbitration Characteristics
Parameter
Symbol
Max. CPU Clock
=20 MHz
Variable CPU Clock
1/2TCL = 1 to 20 MHz
Unit
min.
max.
min.
max.
HOLD input setup time
to CLKOUT
t61
SR
35
–
35
–
ns
CLKOUT to HLDA high
or BREQ low delay
t
62
CC
–
20
–
20
ns
CLKOUT to HLDA low
or BREQ high delay
t
63
CC
–
20
–
20
ns
CSx release
t
64
CC
–
20
–
20
ns
CSx drive
t
65
CC
-5
25
-5
25
ns
Other signals release
t
66
CC
–
20
–
20
ns
Other signals drive
t
67
CC
-5
25
-5
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com