Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F167 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST10F167
Description  16-BIT MCU WITH 128K BYTE FLASH MEMORY
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F167 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST10F167 Datasheet HTML 55Page - STMicroelectronics ST10F167 Datasheet HTML 56Page - STMicroelectronics ST10F167 Datasheet HTML 57Page - STMicroelectronics ST10F167 Datasheet HTML 58Page - STMicroelectronics ST10F167 Datasheet HTML 59Page - STMicroelectronics ST10F167 Datasheet HTML 60Page - STMicroelectronics ST10F167 Datasheet HTML 61Page - STMicroelectronics ST10F167 Datasheet HTML 62Page - STMicroelectronics ST10F167 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
59/69
ST10F167
Figure 20.11 External Memory Cycle:Demultiplexed
Bus,
With
Read/Write
Delay,
Normal ALE
Data Out
Data In
t
38
Address
ALE
CSx
A23-A16
A15-A0
BHE
BUS
(D15-D8)
D7-D0
Read Cycle
RD
RdCSx
Write Cycle
WrCSx
t
5
t
16
t
17
t
6
t
39
t
41
t
26
t
28
t
18
t
20
t
14
t
46
t
12
t
48
t
22
t24
t12
t
48
t
8
t
42
t
42
t
8
t
50
t
51
t
55
t
53
t
57
BUS
(D15-D8)
D7-D0
WR,
WRL, WRH
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com