Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEE0JA152P Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEE0JA152P
Description  Aluminum Electrolytic Capacitors (SMD Type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE0JA152P Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEE0JA152P Datasheet HTML 1Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 2Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 3Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 4Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 5Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 6Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Aluminum Electrolytic Capacitors (SMD Type)
*1: Size code( ) : Miniaturization product
*2: Ripple current (120 Hz / +85 ℃)
*3: tanδ (120 Hz / +20 ℃)
・ Please refer to the page of “Refl ow Profi le” and “The Taping Dimensions”.
・ When requesting vibration-proof product, please put the last “V” instead to “P”
2000
2000
2000
0.26
0.16
0.26
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
2018/9/10
0.2
0.16
0.2
0.2
0.2
0.2
0.2
0.2
16
470
330
100
47
22
220
0.5
0.35
0.26
0.35
0.35
2000
2000
2000
0.26
0.26
0.26
0.26
0.26
0.16
0.26
0.16
0.26
0.26
0.35
0.26
0.35
0.26
0.35
0.35
0.35
0.35
1000
0.35
0.3
2000
1000
1000
2000
2000
2000
2000
2000
2000
2000
2000
0.3
0.2
0.3
0.3
0.26
0.2
2000
2000
2000
2000
2000
2000
1000
1000
2000
1000
1000
2000
1000
1000
2000
1000
2000
1000
(2)
(2)
(2)
(2)
(2)
EEE0GA330SR
EEE0GA470SR
EEE0GA101SR
EEE0GA221SP
EEE0GA331WP
EEE0GA471XP
EEE0JA220SR
EEE0JA330WR
EEE0JA470WR
EEE0JA470SR
EEE0JA101WR
EEE0JA101SP
EEE0JA221WP
EEE0JA331XP
EEE0JA331P
EEE0JA471P
EEE0JA102UP
EEE1CA471P
(1)
(1)
(1)
(1)
(1)
(1)
(2)
(1)
(2)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
(2)
(1)
500
500
500
500
500
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(2)
(2)
2000
1000
1000
1000
1000
1000
1000
900
1000
2000
2000
1000
1000
1000
900
2000
2000
2000
10
1000
5.0
6.3
6.3
10.2
10.2
10.2
5.4
5.4
5.4
5.4
5.4
5.4
1500
22
47
100
33
8.0
8.0
8.0
10.0
10.0
1000
1000
1000
1000
900
1000
500
500
500
330
1000
10
470
220
500
2000
2000
1000
1000
1000
1000
(1)
(1)
(1)
900
1000
500
500
500
500
2000
(2)
(1)
6.3
8.0
8.0
8.0
10.0
8.0
10.0
33
47
100
220
330
470
22
33
220
470
10.0
10.0
4.0
4.0
5.0
5.0
33
G
5.4
5.4
5.4
5.4
5.4
7.7
5.4
5.4
5.4
5.4
5.4
5.4
5.4
7.7
6.2
10.2
7.7
6.2
10.2
10.2
10.2
10.2
10.2
420
B
B
C
D
(D)
D8
B
(B)
(B)
C
(C)
D
(D)
D8
E
F
(F)
G
G
(B)
E
D8
(F)
28
28
39
35
39
700
750
28
29
43
43
50
70
173
400
580
250
390
390
Rated
volt.
(V.DC)
Cap.
(±20 %)
(μF)
Case size
Size
code*
1
Specification
36
46
47
71
4.0
4.0
5.0
6.3
6.3
6.3
4.0
4.0
4.0
5.0
5.0
6.3
1000
1000
1000
80
200
29
22
6.3
4
330
100
47
74
188
300
380
500
6.3
6.3
8.0
8.0
8.0
φD
L
Ripple
current*2
(mA r.m.s.)
tanδ*3
Endurance
(hours)
26
34
61
82
1000
0.35
0.35
0.35
0.35
6.2
4.0
5.0
5.0
5.0
6.3
6.3
7.7
6.2
10.2
10.2
10.2
4.0
10.2
5.4
5.4
5.4
5.4
5.4
5.4
5.4
8.0
(B)
(B)
C
(C)
(C)
D
D8
E
F
(F)
C
(C)
(C)
D
(D)
70
70
320
380
E
F
(F)
G
EEE1CA471UP
200
162
200
280
EEE1CA220WR
EEE1CA220SR
EEE1CA330WR
1000
EEE1CA470WR
EEE1CA470SP
EEE1CA101WP
EEE1CA101P
EEE1CA221XP
EEE1CA221UP
EEE1CA221P
EEE1CA331UP
EEE1CA331P
1000
2000
1000
2000
2000
350
EEE1AA221P
EEE1AA331P
EEE1AA471UP
EEE1AA471P
EEE1AA102P
EEE1CA100SR
Characteristics list
Min.
Packaging
Q'ty
Taping
(pcs)
EEE1AA220WR
EEE1AA330WR
EEE1AA330SR
EEE1AA470WR
EEE1AA101WR
EEE1AA101SP
EEE0JA102P
EEE0JA152P
EEE1AA221XP
G
G
B
Part number
Reflow
(mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com