Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEE0JA152P Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EEE0JA152P
Description  Aluminum Electrolytic Capacitors (SMD Type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE0JA152P Datasheet(HTML) 6 Page - Panasonic Semiconductor

  EEE0JA152P Datasheet HTML 1Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 2Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 3Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 4Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 5Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 6Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Aluminum Electrolytic Capacitors (SMD Type)
*1: Ripple current (120 Hz / +85 ℃)
*2: tanδ (120 Hz / +20 ℃)
・ Please refer to the page of “Refl ow Profi le” and “The Taping Dimensions”.
・ When requesting vibration-proof product, please put the last “V” instead to “P”
0.32
0.32
Size
code
10
6.3
tanδ*2
Ripple
current*1
(mA r.m.s.)
Specification
L
φD
(mm)
Case size
0.52
0.52
0.40
0.40
C
D
5.0
D
B
C
5.4
5.4
(1)
(1)
EEE1CA220NP
EEE1EA3R3NR
EEE1EA4R7NR
EEENZ1H3R3R
EEE1HA4R7NP
50
35
25
16
EEE1EA100NP
EEE1VA2R2NR
EEE1VA4R7NR
EEE1VA100NP
EEE1HA010NR
EEE1HA2R2NR
EEE1CA4R7NR
EEE1CA100NR
0.24
0.28
0.24
0.24
0.24
C
12
22
20
25
39
D
B
C
5.4
5.4
5.4
5.4
5.4
5.4
22
47
10
33
4.7
10
22
3.3
4.0
6.3
4.0
5.0
6.3
4.0
5.0
5.4
0.24
6.3
5.4
28
4.0
5.0
6.3
4.0
5.0
5.0
5.4
5.4
5.4
5.4
5.4
5.4
B
1000
2000
1000
(1)
2000
(1)
1000
Should a safety concern arise regarding this product, please be sure to contact us immediately.
2018/9/10
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
(1)
1000
(1)
1000
(1)
1000
10
1
2.2
3.3
6.3
5.4
(1)
(1)
1000
(1)
2000
1000
1000
2000
(1)
(1)
(1)
Characteristics list
Min.
Packaging
Q'ty
Taping
(pcs)
Rated
volt.
(V.DC)
Cap.
(±20 %)
(μF)
(1)
1000
(1)
2000
(1)
1000
(1)
1000
Reflow
29
46
25
43
Part number
EEE0JA220NR
EEE0JA470NP
EEE1AA100NR
EEE1AA330NP
6.3
0.32
12
0.28
4.7
21
0.28
2.2
4.7
4.7
30
10
16
21
D
B
C
0.24
0.24
D
C
31
10
D
B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com