Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEE0JA152P Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEE0JA152P
Description  Aluminum Electrolytic Capacitors (SMD Type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE0JA152P Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEE0JA152P Datasheet HTML 1Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 2Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 3Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 4Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 5Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 6Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Aluminum Electrolytic Capacitors (SMD Type)
Surface Mount Type
Series:
S Type: V
● Endurance : 85 ℃ 2000 h
● Vibration-proof product (30G guaranteed) is available upon request. (φ8 ≦)
● RoHS compliant
Example : 4 V.DC 33 μF
Marking color : BLACK
Unit:mm
4.3
-0.2
+0.1
8.3
-0.2
+0.1
4.6
3.1
0.70±0.2
0.70±0.2
-0.2
+0.1
7.8 max.
6.5 max.
5.5 max.
3.5
3.4
0.90±0.2
0.90±0.2
9.5 max. 3.4 0.65±0.1
0.65±0.1 1.8
B
10.0
8.0
5.0
4.0
0.70
1.00
5.4
5.4
5.4
10.2±0.3
7.7±0.3
1.70
Within the initial limit
Within ±10 % of the initial value
Within the initial limit
Within the initial limit
After reflow soldering and then being stabilized at +20 ℃, capacitors shall meet the
After storage for 1000 h at +85 ℃ ± 2 ℃ with no voltage applied and then being
stabilized at +20 ℃, capacitors shall meet the limits specified in endurance.
Capacitance change
Dissipation factor (tan δ)
Leakage current
Leakage current
10 k to
following limits.
Frequency correction factor for ripple current
AEC-Q200 compliant
AEC-Q200
(With voltage treatment)
Shelf life
Resistance to
soldering heat
10.0 max.
2.2 0.35 +0.15
-0.20
8.0 6.2±0.3
F
8.3
-0.20
E
D8
6.3
6.6 7.8 max. 2.6
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
2018/9/10
10.2±0.3
12.0 max.
G
10
0.35 +0.15
1.8 0.35 +0.15
-0.20
2.2 0.65±0.1 1.5 0.35 +0.15
-0.20
D
6.3
C
6.6
5.3
2.6 0.65±0.1
1.8 0.65±0.1 1.0 0.35 +0.15
-0.20
H
I
W
P
K
Marking
Dimensions
Size code
φD
L
A、B
Correction factor
50, 60
120
1 k
Frequency(Hz)
1.30
Endurance
at +85 ℃ ± 2 ℃ and then being stabilized at +20 ℃, capacitors shall meet the following limits.
≦200 % of the initial limit
Size code
B(φ4) to D, D8(φ6.3)
3
Z (-40 ℃) / Z (+20 ℃)
15
Dissipation factor (tan δ)
(Impedance ratio at 120 Hz)
After applying rated working voltage for 2000 h (Bi-polar:1000 h for each polarity)
50 63 100
Z (-25 ℃) / Z (+20 ℃)
7
Rated voltage (V.DC)
35
25
Dissipation factor (tan δ)
Characteristics
at low temperature
Capacitance range
Capacitance tolerance
Leakage current
Features
Specifications
Category temp. range
Rated voltage range
–40 ℃ to +85 ℃
4 V.DC to 100 V.DC
1 μF to 1500 μF
±20 % (120 Hz / +20 ℃)
I ≦ 0.01 CV or 3 (μA) (Bi-Polar I ≦ 0.02 CV or 6 (μA)) After 2 minutes (Whichever is greater)
Please see the attached characteristics list
8
6
4
4
2
2
3
Capacitance change
Rated voltage
4 V.DC
6.3 V.DC
≧ 10 V.DC
16
10
6.3
4
3
3
Cap. Change
1000 hours ±20 %
≦ D(φ6.3) Miniature
1000 hours ±30 %
 Within ±20 % of the initial value
4
4
4
3
2
2
0.3 max.
A±0.2
W
33
4S
L±0.3
Negative polarity marking (–)
(No marking for the bi-polar)
Capacitance (μF)
Series indentification
(S) or(A)
Rated voltage(V.DC)
(6=6.3 V.DC)
Lot number
Mark for Lead-Free
products (Black dot)
Pressure Relief(φ10and larger)
( )Reference size


Similar Part No. - EEE0JA152P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE0JA152P PANASONIC-EEE0JA152P Datasheet
277Kb / 5P
Surface Mount Type
EEE0JA152P PANASONIC-EEE0JA152P Datasheet
106Kb / 5P
Aluminum Electrolytic Capacitors/ S
EEE0JA152P PANASONIC-EEE0JA152P Datasheet
106Kb / 5P
Aluminum Electrolytic Capacitors S
EEE0JA152P PANASONIC-EEE0JA152P Datasheet
296Kb / 6P
Aluminum Electrolytic Capacitors/ S
EEE0JA152P PANASONIC-EEE0JA152P Datasheet
106Kb / 5P
Aluminum Electrolytic Capacitors/ S
More results

Similar Description - EEE0JA152P

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AD SUNTAN-TS13AD Datasheet
138Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
TS13AE SUNTAN-TS13AE Datasheet
139Kb / 2P
AXIAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
VEC100M1CTR-0405 ETC2-VEC100M1CTR-0405 Datasheet
182Kb / 1P
SMD Aluminum Electrolytic Capacitors
logo
EPCOS
B41121A6107M EPCOS-B41121A6107M Datasheet
597Kb / 13P
Aluminum Electrolytic Capacitors: SMD
logo
Panasonic Semiconductor
EEEFK0J352SQ PANASONIC-EEEFK0J352SQ Datasheet
57Kb / 2P
Aluminum Electrolytic Capacitors (SMD Type)
EEE-1VA101XAP PANASONIC-EEE-1VA101XAP Datasheet
65Kb / 3P
Aluminum Electrolytic Capacitors (SMD Type)
EEEFK1E101XP PANASONIC-EEEFK1E101XP Datasheet
38Kb / 1P
Aluminum Electrolytic Capacitors(SMD Type)
FKS PANASONIC-FKS Datasheet
798Kb / 4P
Aluminum Electrolytic Capacitors (SMD Type)
17-Apr-19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com