Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEE0JA152P Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EEE0JA152P
Description  Aluminum Electrolytic Capacitors (SMD Type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE0JA152P Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EEE0JA152P Datasheet HTML 1Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 2Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 3Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 4Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 5Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 6Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Aluminum Electrolytic Capacitors (SMD Type)
*1: Size code( ) : Miniaturization product
*2: Ripple current (120 Hz / +85 ℃)
*3: tanδ (120 Hz / +20 ℃)
・ Please refer to the page of “Refl ow Profi le” and “The Taping Dimensions”.
・ When requesting vibration-proof product, please put the last “V” instead to “P”
1
2.2
3.3
10.0
10.0
8.0
4.0
4.0
4.0
4.0
5.0
8.0
4.7
47
22
100
4.7
220
33
100
47
33
22
85
0.18
10.2
5.4
5.4
5.4
5.4
5.4
6.2
0.18
0.18
D8
(F)
G
G
(E)
G
B
B
B
(B)
C
(E)
65
(2)
(2)
(2)
2000
EEE2AA220UP
2000
2000
1000
2000
2000
63
2000
2000
2000
2000
0.18
2000
EEE2AA330P
2000
2000
90
G
10.2
0.18
10
16
16
18
23
0.14
0.12
0.12
0.12
0.12
110
F
10.2
2000
8.0
10.2
F
45
0.18
2000
2000
0.18
105
45
45
60
50
8.0
6.3
10.2
10.2
10.2
6.2
8.0
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
2018/9/10
500
(2)
500
100
10.0
10.0
33
22
10
500
EEE2AA100P
(2)
500
8.0
10.2
(F)
55
0.18
EEE2AA100UP
EEE2AA220P
1000
8.0
10.2
F
85
0.18
2000
8.0
6.2
(E)
50
0.18
500
1000
500
(2)
500
(2)
500
EEE1JA220P
(2)
500
EEE1JA330P
EEE1JA470UP
EEE1JA470P
EEE1JA101P
EEE2AA4R7UP
(2)
(2)
(2)
1000
8.0
10.2
F
40
0.18
2000
2000
EEE1HA221P
(2)
500
8.0
6.2
(E)
40
0.18
2000
EEE1JA220UP
(2)
500
10.0 10.2
G
300
0.12
EEE1HA101UP
(2)
500
10.0 10.2
G
250
0.12
(2)
EEE1HA101P
500
8.0
10.2
(F)
200
0.12
2000
2000
EEE1HA470UP
(2)
500
10.0 10.2
G
130
0.12
2000
8.0
10.2
(F)
110
0.12
(2)
EEE1HA470P
500
900
1000
(1)
900
EEE1HA220P
(2)
1000
6.3
7.7
D8
85
0.12
2000
EEE1HA330XP
EEE1HA330UP
(2)
(2)
(1)
EEE1HA330P
EEE1HA470XP
2000
2000
7.7
1000
8.0
6.2
E
120
0.12
2000
EEE1HA100SP
(1)
1000
6.3
5.4
(D)
40
0.14
1000
(1)
EEE1HA220WP
1000
6.3
5.4
D
35
0.12
2000
10
5.0
5.4
(C)
27
0.14
(1)
EEE1HA100WR
1000
Characteristics list
Min.
Packaging
Q'ty
Taping
(pcs)
2000
1000
2000
(1)
2000
(1)
2000
Part number
Reflow
EEE1HA010SR
EEE1HA2R2SR
EEE1HA3R3SR
EEE1HA4R7WR
EEE1HA4R7SR
(1)
(1)
(1)
50
0.12
0.12
0.12
(mm)
φD
L
Ripple
current*2
(mA r.m.s.)
tanδ*3
Endurance
(hours)
Rated
volt.
(V.DC)
Cap.
(±20 %)
(μF)
Case size
Size
code*
1
Specification



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com