Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEE0JA152P Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EEE0JA152P
Description  Aluminum Electrolytic Capacitors (SMD Type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE0JA152P Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EEE0JA152P Datasheet HTML 1Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 2Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 3Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 4Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 5Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 6Page - Panasonic Semiconductor EEE0JA152P Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Aluminum Electrolytic Capacitors (SMD Type)
*1: Size code( ) : Miniaturization product
*2: Ripple current (120 Hz / +85 ℃)
*3: tanδ (120 Hz / +20 ℃)
・ Please refer to the page of “Refl ow Profi le” and “The Taping Dimensions”.
・ When requesting vibration-proof product, please put the last “V” instead to “P”
10
22
4.7
4.7
47
EEE1EA101XP
EEE1EA470WP
2000
25
10
22
33
100
220
330
8.0
10.2
F
180
0.16
2000
EEE1EA101P
8.0
6.2
500
500
8.0
10.0
(F)
500
500
500
(1)
900
8.0
10.2
(F)
140
0.14
2000
EEE1VA101UP
(2)
EEE1EA331P
EEE1VA101P
EEE1VA221UP
EEE1VA221P
2000
2000
D8
132
0.12
2000
EEE1VA101XP
(2)
(2)
(2)
(2)
(2)
(2)
EEE1EA221P
EEE1EA331UP
2000
2000
2000
EEE1VA470WP
EEE1VA330P
EEE1VA330WP
1000
EEE1VA220WR
EEE1VA100WR
2000
EEE1EA471P
0.14
0.14
0.14
2000
220
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
2018/9/10
2000
EEE1VA331P
(2)
500
330
10.0 10.2
G
350
0.14
35
33
100
6.3
7.7
10.2
10.2
10.2
10.0
G
210
200
310
G
47
6.3
5.4
(D)
70
0.16
1000
(1)
1000
8.0
6.2
E
165
0.14
2000
EEE1VA470P
(2)
1000
(1)
1000
8.0
6.2
E
130
0.14
2000
2000
EEE1VA220SP
(1)
1000
6.3
5.4
(D)
60
0.16
1000
(2)
1000
(1)
1000
6.3
5.4
D
60
0.12
EEE1VA100SR
(1)
1000
5.0
5.4
(C)
36
0.16
(1)
2000
5.0
5.4
C
30
0.12
2000
2000
EEE1VA4R7SR
(1)
2000
4.0
5.4
(B)
22
0.16
1000
(2)
500
4.0
5.4
B
22
0.12
470
500
10.2
10.2
10.2
8.0
10.0
10.0
270
340
380
(F)
G
G
0.16
0.16
0.16
500
500
(2)
500
8.0
10.2
(F)
230
0.16
2000
EEE1EA221UP
(2)
10.2
10.0
310
G
0.16
(E)
91
0.16
2000
EEE1EA101UP
(2)
1000
(1)
1000
6.3
7.7
D8
143
0.14
2000
EEE1EA330SP
(1)
1000
6.3
5.4
(D)
70
0.2
1000
(1)
900
6.3
5.4
D
65
0.14
(1)
1000
5.0
5.4
(C)
42
0.2
1000
EEE1EA330WR
6.3
5.4
D
55
0.14
2000
EEE1EA220SP
(1)
1000
5.0
5.4
(C)
35
0.2
1000
EEE1EA220WR
(1)
1000
5.0
5.4
C
28
0.14
2000
EEE1EA100SR
(1)
1000
Characteristics list
Min.
Packaging
Q'ty
Taping
(pcs)
(1)
2000
4.0
5.4
(B)
22
0.2
1000
EEE1EA100WR
(1)
2000
5.4
4.0
22
B
0.14
EEE1EA4R7SR
2000
Rated
volt.
(V.DC)
Cap.
(±20 %)
(μF)
Case size
Size
code*
1
Specification
Part number
Reflow
(mm)
φD
L
Ripple
current*2
(mA r.m.s.)
tanδ*3
Endurance
(hours)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com