Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 1 Page - STMicroelectronics

  ST10 Datasheet HTML 1Page - STMicroelectronics ST10 Datasheet HTML 2Page - STMicroelectronics ST10 Datasheet HTML 3Page - STMicroelectronics ST10 Datasheet HTML 4Page - STMicroelectronics ST10 Datasheet HTML 5Page - STMicroelectronics ST10 Datasheet HTML 6Page - STMicroelectronics ST10 Datasheet HTML 7Page - STMicroelectronics ST10 Datasheet HTML 8Page - STMicroelectronics ST10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
1/65
August 1999
s HIGH PERFORMANCE CPU
– 16-BIT CPU WITH 4-STAGE PIPELINE
– 80ns INSTRUCTION CYCLE TIME @ 25MHz CLK
– 400ns 16 X 16-BIT MULTIPLICATION
– 800ns 32 / 16-BIT DIVISION
– ENHANCE D
BOOLEAN
BIT
MANIPULATION
FACILITIES
– ADDITIONAL INSTRUCTIONS TO SUPPOR T HLL
AND OPERAT ING SYSTEMS
– SINGLE-CYCL E CONT EXT SWITCHING SUPPORT
s MEMORY ORGANIZATION
– 32K BYTE ON-CHIP ROM MEMORY
– UP TO 16M BYTE LINEAR ADDRESS SPACE FOR
CODE AND DATA (5M BYTE WITH CAN)
– 2K BYTE ON-CHIP INTERNAL RAM (IRAM)
– 2K BYTE ON-CHIP EXTENSION RAM (XRAM)
s FAST AND FLEXIBLE BUS
– PROGRAMMABLE
EXTERNAL
BUS
CHARA CTERISTICS FOR DIFFERENT ADDRESS
RANGES
– 8-BIT OR 16-BIT EXTER NAL DATA BUS
– MULTIPLEXED OR DEMULTIPLEXED EXTER NAL
ADDRE SS/DATA BUSES
– FIVE PROGRAMMABLE CHIP-SELECT SIGNALS
– HOLD-ACKNOWLEDGE
BUS
ARBITRATION
SUPPO RT
s INTERRUPT
– 8-CHANNEL PERIPHERAL EVENT CONTROLLER
FOR SINGLE CYCLE, INTERRUPT DRIVEN DATA
TRANSFER
– 16-PRIORITY-LEVEL INTERRUPT SYSTE M WITH
56 SOURCES, SAMPLE-RATE DOWN TO 40ns
s TIMERS
– TWO MULTI-FUNCTIONAL GENERAL PURPOSE
TIMER UNITS WITH 5 TIMERS
– TWO 16-CHANNEL CAPTURE/COMPARE UNITS
s A/D CONVERTER
– 16-CHANN EL 10-BIT
– 7.76
µs CONVERSION TIME
s FAIL-SAFE PROTECTION
– PROGRAMMABLE WATCHDOG TIMER
– OSCILLATOR WATCHDOG
s ON-CHIP CAN 2.0B INTERFACE
s ON-CHIP BOOTSTRAP LOADER
s CLOCK GENERATION
– ON-CHIP PLL
– DIRECT OR PRESCALE D CLOCK INPUT
s UP TO 111 GENERAL PURPOSE I/O LINES
– INDIVIDUALLY PROGRAMMABLE
AS
INPUT,
OUTPUT OR SPECIA L FUNCTION
– PROGRAMMABLE DRIVE STRENGTH
– PROGRAMMABLE THRESHOLD (HYS TERES IS)
s IDLE AND POWER DOWN MODES
– IDLE CURRENT <95mA
– POWER-DOWN SUPPLY CURRENT <400
µA
s 4-CHANNEL PWM UNIT
s SERIAL CHANNELS
– SYNCHRONO US/ASYN CSERIAL CHANNEL
– HIGH-SPEED SYNCHRON OUS CHANNEL
s DEVELOPMENT SUPPORT
– C-COM PILERS, MACRO-ASSEMBLER PACKAGES,
EMULATORS, EVAL BOARDS, HLL-D EBUGGERS,
SIMULATORS,
LOGIC ANALYZER
DISASSEM-
BLERS, PROGRAMMING BOARDS
s 144-PIN PQFP PACKAGE
PQFP144 (28 x 28 mm)
(Plastic Quad Flat Pack)
Port 6
Port 5
Port 3
BR G
32K
CPU-Core
Internal
RAM
Watchdog
Interrupt Controller
8
8
15
16
32
16
PEC
16
16
CAN
Port 7
Port 8
BR G
8
16
16
OSC.
XRAM
16
16
8
16
Byte
ROM
ST10C167
16-BIT MCU WITH 32K BYTE ROM
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.


Similar Part No. - ST10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10 STMICROELECTRONICS-ST10 Datasheet
368Kb / 58P
16-BIT MCU WITH 128KBYTE FLASH MEMORY
Apr-1999
logo
Astrodyne Corporation
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
Isolated and Regulated 10 Watt Modular DC/DC Converters
logo
Arch Electronics Corp.
ST10 ARCH-ST10 Datasheet
165Kb / 4P
Encapsulated DC-DC Converter
logo
AVX Corporation
ST10 AVX-ST10 Datasheet
146Kb / 2P
Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
logo
Japan Aviation Electron...
ST10 JAE-ST10 Datasheet
377Kb / 4P
microSDTM Small Memory Card Connector
More results

Similar Description - ST10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
Feb-2002
ST7291L STMICROELECTRONICS-ST7291L Datasheet
46Kb / 5P
8-BIT MCU WITH 8/12/16/24/32K ROM, TIMER, SUPPLY SUPERVISOR AND CARRIER FREQUENCY GENERATOR
Dec-1997
logo
Sanyo Semicon Device
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
logo
STMicroelectronics
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
logo
ON Semiconductor
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
logo
Generalplus Technology ...
GPCE060A GENERALPLUS-GPCE060A Datasheet
249Kb / 26P
16-Bit Sound Controller with 32K x 16 ROM
GPCE2064A GENERALPLUS-GPCE2064A Datasheet
873Kb / 24P
16-bit Sound Controller with 32K X 16 ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com