Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 19Page - STMicroelectronics ST10 Datasheet HTML 20Page - STMicroelectronics ST10 Datasheet HTML 21Page - STMicroelectronics ST10 Datasheet HTML 22Page - STMicroelectronics ST10 Datasheet HTML 23Page - STMicroelectronics ST10 Datasheet HTML 24Page - STMicroelectronics ST10 Datasheet HTML 25Page - STMicroelectronics ST10 Datasheet HTML 26Page - STMicroelectronics ST10 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
ST10C167
23/65
XII - A/D CONVERTER
A10-bit A/D converter with 16 multiplexed input
channels and a sample and hold circuit is inte-
grated on-chip. The sample time (for loading the
capacitors) and the conversion time is program-
mable and can be adjusted to the external circuitry.
Overrun error detection/protection is controlled by
the ADDAT register. Either an interrupt request is
generated when the result of a previous conver-
sion has not been read from the result register at
the time the next conversion is complete, or the
next conversion is suspended until the previous
result has been read. For applications which
require less than 16 analog input channels, the
remaining channel inputs can be used as digital
input port pins. The AD converter
of the
ST10F168 supports different conversion modes :
– Single channel single conversion : the analog
level of the selected channel is sampled once
and converted. The result of the conversion is
stored in the ADDAT register.
–
Single channel continuous conversion : the
analog level of the selected channel is repeatedly
sampled and converted. The result of the conver-
sion is stored in the ADDAT register.
– Auto scan single conversion : the analog level
of the selected channels are sampled once and
converted. After each conversion the result is
stored in the ADDAT register. The data can be
transfered to the RAM by interrupt software
management or using the powerfull Peripheral
Event Controller data transfert.
– Auto scan continuous conversion : the ana-
log level of the selected channels are repeatedly
sampled and converted. The result of the con-
version is stored in the ADDAT register. The
data can be transfered to the RAM by interrupt
software management or using the powerfull
Peripheral Event Controller data transfert.
– Wait for ADDAT read mode : when using con-
tinuous modes, in order to avoid to overwrite
the result of the current conversion by the next
one, the ADWR bit of ADCON control register
must be activated. Then, until the ADDAT regis-
ter is read, the new result is stored in a tempo-
rary buffer and the conversion is on hold.
– Channel
injection
mode
:
when
using
continuous modes, a selected channel can be
converted in between
without
changing the
current operating mode. The 10 bit data of the
conversion are stored in ADRES field of
ADDAT2. The current continuous mode remains
active after the single conversion is completed.
The Table : 9 ADC sample clock and conversion
time shows the ADC unit conversion clock, sample
clock.
A complete conversion will take 14tCC +2 tSC +
4 TCL. This time includes the conversion it-self,
the sampling time and the time required to trans-
fer the digital value to the result register. For
example, at 25MHz of CPU clock, minimum com-
plete conversion time is 7.76
µs.
The A/D converter provides automatic offset and
linearity self calibration. The calibration operation
is performed in two ways:
– A full calibration sequence is performed after a
reset and lasts 1.6ms minimum (at 25MHz CPU
clock). During this time, the ADBSY flag is set to
indicate the operation. Normal conversion can
be performed during this time. The duration of
the calibration sequence is then extended by the
time consumed by the conversions.
Note : After a power-on reset, the total
unadjusted error (TUE) of the ADC might be
worse than
±2LSB (max. ±4LSB). During the full
calibration sequence, the TUE is constantly
improved until at the end of the cycle, TUE is
within the specified limits of
±2LSB.
– One calibration cycle is performed after each
conversion : each calibration cycle takes 4 ADC
clock cycles. These operation cycles ensure
constant updating of the ADC accuracy, com-
pensating changing operating conditions.
Note
1. See chapter XX.
2. tCC = TCL x 24.
Table 9 : ADC sample clock and conversion time
ADCTC
Conversion Clock tCC
ADSTC
Sample Clock tSC
TCL1 = 1/2 x fXTAL
At fCPU = 25MHz
-
At fCPU = 25MHz
00
TCL x 24
0.48
µs00
tCC
0.48
µs2
01
Reserved, do not use
-
01
tCC x2
0.96
µs2
10
TCL x 96
1.92
µs10
tCC x4
1.92
µs2
11
TCL x 48
0.96
µs11
tCC x8
3.84
µs2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com