Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 23Page - STMicroelectronics ST10 Datasheet HTML 24Page - STMicroelectronics ST10 Datasheet HTML 25Page - STMicroelectronics ST10 Datasheet HTML 26Page - STMicroelectronics ST10 Datasheet HTML 27Page - STMicroelectronics ST10 Datasheet HTML 28Page - STMicroelectronics ST10 Datasheet HTML 29Page - STMicroelectronics ST10 Datasheet HTML 30Page - STMicroelectronics ST10 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
ST10C167
27/65
XVI - INSTRUCTION SET SUMMARY
The table below lists the instructions of the
ST10C167.
The
various
addressing
modes,
instruction operation, parameters for conditional
execution of instructions, opcodes and a detailed
description of each instruction can be found in the
“ST10 Family Programming Manual”.
Table 13 : Instruction set summary
Mnemonic
Description
Bytes
ADD(B)
Add Word (Byte) operands
2 / 4
ADDC(B)
Add Word (Byte) operands with Carry
2 / 4
SUB(B)
Subtract Word (Byte) operands
2 / 4
SUBC(B)
Subtract Word (Byte) operands with Carry
2 / 4
MUL(U)
(Un)Signed multiply direct GPR by direct GPR (16-16-bit)
2
DIV(U)
(Un)Signed divide register MDL by direct GPR (16-/16-bit)
2
DIVL(U)
(Un)Signed long divide register MD by direct GPR (32-/16-bit)
2
CPL(B)
Complement direct Word (Byte) GPR
2
NEG(B)
Negate direct Word (Byte) GPR
2
AND(B)
Bitwise AND, (Word/Byte operands)
2 / 4
OR(B)
Bitwise OR, (Word/Byte operands)
2 / 4
XOR(B)
Bitwise XOR, (Word/Byte operands)
2 / 4
BCLR
Clear direct bit
2
BSET
Set direct bit
2
BMOV(N)
Move (negated) direct bit to direct bit
4
BAND, BOR, BXOR
AND/OR/XOR direct bit with direct bit
4
BCMP
Compare direct bit to direct bit
4
BFLDH/L
Bitwise modify masked high/low byte of bit-addressable
direct Word memory with immediate data
4
CMP(B)
Compare Word (Byte) operands
2 / 4
CMPD1/2
Compare Word data to GPR and decrement GPR by 1/2
2 / 4
CMPI1/2
Compare Word data to GPR and increment GPR by 1/2
2 / 4
PRIOR
Determine number of shift cycles to normalize direct Word GPR and store
result in direct Word GPR
2
SHL / SHR
Shift left/right direct Word GPR
2
ROL / ROR
Rotate left/right direct Word GPR
2
ASHR
Arithmetic (sign bit) shift right direct Word GPR
2
MOV(B)
Move Word (Byte) data
2 / 4
MOVBS
Move Byte operand to Word operand with sign extension
2 / 4
MOVBZ
Move Byte operand to Word operand. with zero extension
2 / 4
JMPA, JMPI, JMPR
Jump absolute/indirect/relative if condition is met
4
JMPS
Jump absolute to a code segment
4
J(N)B
Jump relative if direct bit is (not) set
4
JBC
Jump relative and clear bit if direct bit is set
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com