Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 35Page - STMicroelectronics ST10 Datasheet HTML 36Page - STMicroelectronics ST10 Datasheet HTML 37Page - STMicroelectronics ST10 Datasheet HTML 38Page - STMicroelectronics ST10 Datasheet HTML 39Page - STMicroelectronics ST10 Datasheet HTML 40Page - STMicroelectronics ST10 Datasheet HTML 41Page - STMicroelectronics ST10 Datasheet HTML 42Page - STMicroelectronics ST10 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
ST10C167
39/65
XX.3 - DC characteristics
VDD =5V ±10%, VSS =0V, fCPU = 25MHz, Reset active, TA = -40 to +125°C, unless otherwise specified.
Table 15 : DC characteristics
Symbol
Parameter
Test Condition s
Mininm um
Maximum
Unit
VIL
SR
Input low voltage
–
– 0.5
0.2 VDD – 0.1
V
VILS
SR
Input low voltage (special threshold)
–
– 0.5
2.0
V
VIH
SR
Input high voltage
(all except RSTIN and XTAL1)
–
0.2 VDD +
0.9
VDD + 0.5
V
VIH1
SR
Input high voltage RSTIN
–
0.6 VDD
VDD + 0.5
V
VIH2
SR
Input high voltage XTAL1
–
0.7 VDD
VDD + 0.5
V
VIHS
SR
Input high voltage (Special Threshold)
–
0.8 VDD - 0.2
VDD+ 0.5
V
HYS
Input Hysteresis (Special Threshold)
–
400
-
mV
VOL
CC
Output low voltage (Port0, Port1, Port 4,
ALE, RD, WR, BHE, CLKOUT, RSTOUT)
IOL = 2.4 mA
–
0.45
V
VOL1
CC
Output low voltage (all other outputs)
IOL1 = 1.6 mA
–
0.45
V
VOH
CC
Output high voltage (Port0, Port1, Port 4,
ALE, RD, WR, BHE, CLKOUT, RSTOUT)
IOH = – 500 µA
IOH = –2.4 mA
0.9 VDD
2.4
–V
VOH1
CC
Output high voltage 1
(all other outputs)
IOH = – 250 µA
IOH = – 1.6 mA
0.9 VDD
2.4
–V
V
IOZ1
CC
Input leakage current (Port 5)
0 V < VIN <VDD
–
±0.5
µA
IOZ2
CC
Input leakage current (all other)
0 V < VIN <VDD
–
±1
µA
IOV
SR
Overload current
58
–
±5mA
RRST
CC
RSTIN pull-up resistor 5
–
50
250
k
Ω
IRWH
2
Read/Write inactive current 4
VOUT = 2.4 V
–
-40
µA
IRWL
3
Read/Write active current 4
VOUT =VOLmax
-500
–
µA
IALEL
2
ALE inactive current 4
VOUT =VOLmax
40
–
µA
IALEH
3
ALE active current 4
VOUT = 2.4 V
–
500
µA
IP6H
2
Port 6 inactive current 4
VOUT = 2.4 V
–
-40
µA
IP6L
3
Port 6 active current 4
VOUT =
VOL1max
-500
–
µA
IP0H
2
Port0 configuration current 4
VIN =VIHmin
–
-10
µA
IP0L
3
VIN =VILmax
-100
–
µA
IIL
CC
XTAL1 input current
0 V < VIN <VDD
–
±20
µA
CIO
CC
Pin capacitance 5
(digital inputs/outputs)
f = 1 MHz
TA =25 °C
–10
pF
ICC
Power supply current
RSTIN = VIH1
fCPU in [MHz]
6
20 + 6 * fCPU
20 + 7 * fCPU
mA
IID
Idle mode supply current
RSTIN = VIH1
fCPU in [MHz]
6
–20 + 3 * fCPU
mA
IPD
Power-down mode supply current
VDD = 5.5 V
7
100
400
µA
XX - ELECTRICAL CHARACTERISTICS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com