Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST10
Description  16-BIT MCU WITH 32K BYTE ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST10 Datasheet HTML 2Page - STMicroelectronics ST10 Datasheet HTML 3Page - STMicroelectronics ST10 Datasheet HTML 4Page - STMicroelectronics ST10 Datasheet HTML 5Page - STMicroelectronics ST10 Datasheet HTML 6Page - STMicroelectronics ST10 Datasheet HTML 7Page - STMicroelectronics ST10 Datasheet HTML 8Page - STMicroelectronics ST10 Datasheet HTML 9Page - STMicroelectronics ST10 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
ST10C167
6/65
Table 1 : Pin list
Symbol
Pin
Type
Function
P6.0 - P6.7
1 - 8
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via
direction bits. Programming an I/O pin as input forces the corresponding
output driver to high impedance state. Port 6 outputs can be configured as
push/pull or open drain drivers.
The following Port 6 pins have alternate functions:
1
...
5
6
7
8
O
...
O
I
O
O
P6.0
CS0
Chip Select 0 Output
...
...
...
P6.4
CS4
Chip Select 4 Output
P6.5
HOLD
External Master Hold Request Input
P6.6
HLDA
Hold Acknowledge Output
P6.7
BREQ
Bus Request Output
P8.0 - P8.7
9 - 16
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via
direction bits. Programming an I/O pin as input forces the corresponding
output driver to high impedance state. Port 8 outputs can be configured as
push/pull or open drain drivers. The input threshold of Port 8 is selectable
(TTL or special).
The following Port 8 pins have alternate functions:
9
...
16
I/O
...
I/O
P8.0
CC16IO
CAPCOM2: CC16 Capture Input/Compare Output
...
...
...
P8.7
CC23IO
CAPCOM2: CC23 Capture Input/Compare Output
P7.0 - P7.7
19 - 26
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via
direction bits. Programming an I/O pin as input forces the corresponding
output driver to high impedance state. Port 7 outputs can be configured as
push/pull or open drain drivers. The input threshold of Port 7 is selectable
(TTL or special).
The following Port 7 pins have alternate functions:
19
...
22
23
...
26
O
...
O
I/O
...
I/O
P7.0
POUT0
PWM Channel 0 Output
...
...
...
P7.3
POUT3
PWM Channel 3 Output
P7.4
CC28IO
CAPCOM2: CC28 Capture Input/Compare Output
...
...
...
P7.7
CC31IO
CAPCOM2: CC31 Capture Input/Compare Output
P5.0 - P5.9
P5.10 - P5.15
27 - 36
39 - 44
I
I
Port 5 is a 16-bit input-only port with Schmitt-Trigger characteristics. The
pins of Port 5 also serve as the (up to 16) analog input channels for the A/
D converter, where P5.x equals ANx (Analog input channel x), or they
serve as timer inputs:
39
40
41
42
43
44
I
I
I
I
I
I
P5.10
T6EUD
GPT2 Timer T6 External Up/Down Control Input
P5.11
T5EUD
GPT2 Timer T5 External Up/Down Control Input
P5.12
T6IN
GPT2 Timer T6 Count Input
P5.13
T5IN
GPT2 Timer T5 Count Input
P5.14
T4EUD
GPT1 Timer T4 External Up/Down Control Input
P5.15
T2EUD
GPT1 Timer T2 External Up/Down Control Input
II - PIN DATA (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com