Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6935TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6935TR
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6935TR Datasheet HTML 3Page - STMicroelectronics L6935TR Datasheet HTML 4Page - STMicroelectronics L6935TR Datasheet HTML 5Page - STMicroelectronics L6935TR Datasheet HTML 6Page - STMicroelectronics L6935TR Datasheet HTML 7Page - STMicroelectronics L6935TR Datasheet HTML 8Page - STMicroelectronics L6935TR Datasheet HTML 9Page - STMicroelectronics L6935TR Datasheet HTML 10Page - STMicroelectronics L6935TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Electrical specifications
L6935
7/20
3
Electrical specifications
3.1
Absolute maximum ratings
Table 3.
Absolute maximum ratings
3.2
Thermal data
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
VIN
to GND
5.5
V
VBIAS, EN, PGOOD
to GND
6
V
SS, VOUT
to GND
-0.3 to 3.3
V
ADJ
to GND
-0.3 to 1
V
Maximum withstanding voltage range test condition:
CDF-AEC-Q100-002 “human body model”
acceptance criteria: “normal performance”
±1000
V
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient(1)
1.
Measured with the component mounted on demonstration board in free air (22 x 28.5 mm - 2 layer 70
µm
copper).
55
°C/W
TMAX
Maximum junction temperature
150
°C
TSTG
Storage temperature range
-50 to 150
°C
TJ
Junction temperature range
-25 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com