Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6935TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6935TR
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6935TR Datasheet HTML 8Page - STMicroelectronics L6935TR Datasheet HTML 9Page - STMicroelectronics L6935TR Datasheet HTML 10Page - STMicroelectronics L6935TR Datasheet HTML 11Page - STMicroelectronics L6935TR Datasheet HTML 12Page - STMicroelectronics L6935TR Datasheet HTML 13Page - STMicroelectronics L6935TR Datasheet HTML 14Page - STMicroelectronics L6935TR Datasheet HTML 15Page - STMicroelectronics L6935TR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Device description
L6935
12/20
5.2
Power Good
L6935 presents a PGOOD flag, an open drain output that is grounded during all the soft
start procedure, and is left free when VOUT reaches 90 % of the programmed value.
An hysteresis of 10 % is also provided in order to avoid false triggering due to the noise
generated by the application. Figure 10 shows the PGOOD commutations.
Figure 10.
Power good window
5.3
VIN vs VBIAS
L6935 provides the flexibility to supply the internal logic (VBIAS) with a supply different than
the power input (VIN). The aim of this feature is to provide low-drop regulation still having
the supply voltage to correctly drive the internal power mosfet so optimizing the conversion.
VIN drives only the drain of the power DMOS and it can be kept as low as possible
(VIN > VOUT + VDROPmin), while VBIAS drives the control section. VBIAS must be typically
higher than VIN.
5.4
Protections
L6935 is equipped with a set of protections in order to protect both the load and the device
from electrical overstress. Each protection does not latch the device, that returns to work
properly as the perturbation disappear.
5.4.1
Over-current protection
An over current protection is provided: if the current that flows through the power DMOS is
greater than 3.5 A, the device adjust the power DMOS driving voltage in order to keep
constant the delivered current (IOUT). Anyhow the output may drop also causing the
PGOOD to be set low.
Figure 11 show the way the OCP intervention: as the threshold value is reached by IOUT, the
device forces a lower output current (~3.5 A).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com