Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6935TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6935TR
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6935TR Datasheet HTML 11Page - STMicroelectronics L6935TR Datasheet HTML 12Page - STMicroelectronics L6935TR Datasheet HTML 13Page - STMicroelectronics L6935TR Datasheet HTML 14Page - STMicroelectronics L6935TR Datasheet HTML 15Page - STMicroelectronics L6935TR Datasheet HTML 16Page - STMicroelectronics L6935TR Datasheet HTML 17Page - STMicroelectronics L6935TR Datasheet HTML 18Page - STMicroelectronics L6935TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Application information
L6935
15/20
6.2
VIN, VBIAS and sequencing
Different configurations for VIN and VBIAS are possibleand the power sequencing must
consider the different timings in which the power suppliesbecomes available. In order to
properly drive the device internal logic, it is reccomendedto control the sequence between
EN signal and the VIN / VBIAS application: the device need to result being disabled when
VBIAS crosses the UVLO threshols. Furthermore, in case of VIN <> VBIAS, the EN signal
needs to be driven by the last-coming between the two supplies.
It is reccomended to drive the EN pin with a resistor divider connected as reported into
Figure 13 and Figure 14.
Figure 13.
Recommended circuit for VBIAS = VIN
Figure 14.
Reccomended circuit for VBIAS
≠ VIN
VIN
CIN
COUT
R1
R2
VOUT = 0.5V to 3.0V
PGOOD
L6935
VIN
SS
GND
ADJ
VOUT
PGOOD
EN
CSS
VBIAS
PAD
REH
REL
RPG
EN
(OpenDrain Toggle **)
** Drive EN with external Open-Drain Signal.
CIN
COUT
R1
R2
VOUT = 0.5V to 3.0V
PGOOD
L6935
VIN
SS
GND
ADJ
VOUT
PGOOD
EN
CSS
VBIAS
PAD
REL
RPG
EN
(OpenDrain Toggle **)
VBIAS
VIN (< VBIAS)
* EN Divider (R
EH) needs to be connected to the Last-Coming rail between VCC and VIN.
** Drive EN with external Open-Drain Signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com