Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6935TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6935TR
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6935TR Datasheet HTML 10Page - STMicroelectronics L6935TR Datasheet HTML 11Page - STMicroelectronics L6935TR Datasheet HTML 12Page - STMicroelectronics L6935TR Datasheet HTML 13Page - STMicroelectronics L6935TR Datasheet HTML 14Page - STMicroelectronics L6935TR Datasheet HTML 15Page - STMicroelectronics L6935TR Datasheet HTML 16Page - STMicroelectronics L6935TR Datasheet HTML 17Page - STMicroelectronics L6935TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Application information
L6935
14/20
6
Application information
L6935 is the best choice in smart linear regulator applications, due to its own small size,
high power delivered and high regulation accuracy. Furthermore thermal shut-down and
OCP guarantee the highest reliability for each application.
VIN can be separated by VBIAS: in this way the device can regulate the output voltage even if
VIN < VBIAS, resulting in a better performance. In fact, the power dissipated decreases as
VIN get lower, according to the relationship PDISS = (VIN - VOUT) x IOUT.
6.1
Components selection
6.1.1
Input capacitor
The choice of the input capacitor value depends on the several factor such as load transient
requirements, input source (battery or DC/DC converter) and its distance from the input
capacitor. Generally speaking, a capacitor with the lowest ESR possible should be chosen:
a value within the range [10
µF; 100 µF] can be sufficient in many cases.
6.1.2
Output capacitor
The choice of the output capacitor value basically depends on the load transient
requirement. Output capacitor must be sized according to the dynamic requests of the load.
A too small capacitor may exhibit huge voltage drop after a load transient is applied: a value
greater than 10
µF should be used.
In order to guarantee a good reliability, at least X5R type should be used as I/O capacitors.
Different kinds of input/output capacitors can be used: Table 6. shows a few tested
examples.
Table 6.
Input/output capacitor selection guide
Manufacturer
Type
I/O cap. value Rated voltage
Murata - GRM31CR61ExxxK(1)
1. xxx in the part numbers stands for 106 (10
µF), 226 (22 µF)... 105 (100 µF)
MLCC, SMD1206, X5R
10...100
µF
6.3 - 25 V
Panasonic - ECJ3YB1AxxxM
MLCC, SMD1206, X5R
10...100
µF
10 - 25 V
Panasonic - EEFFD0HxxxR
SPCap - SMD7343
28 m
Ω ESR
10...100
µF4 - 8 V
Sanyo - 8TPE100MPC2
POSCAP, SMD6032
25 m
Ω ESR
10...100
µF
6.3 - 25 V
TDK - C3216X5R0JxxxMT
MLCC, SMD1210, X5R
10...100
µF
6.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com