Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6935TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6935TR
Description  High performance 3 A ULDO linear regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6935TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6935TR Datasheet HTML 4Page - STMicroelectronics L6935TR Datasheet HTML 5Page - STMicroelectronics L6935TR Datasheet HTML 6Page - STMicroelectronics L6935TR Datasheet HTML 7Page - STMicroelectronics L6935TR Datasheet HTML 8Page - STMicroelectronics L6935TR Datasheet HTML 9Page - STMicroelectronics L6935TR Datasheet HTML 10Page - STMicroelectronics L6935TR Datasheet HTML 11Page - STMicroelectronics L6935TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical specifications
L6935
8/20
3.3
Electrical characteristics
Table 5.
Electrical characteristics
(VIN = 5 V, VBIAS = 5 V; TA = 25 °C unless otherwise specified).
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Recommended operating conditions
VIN
Operating supply voltage
VIN = VBIAS
VBIAS < 5 V
5.0
VBIAS
V
VBIAS
UVLO
VBIAS rising
1.275
V
IIN
Quiescent current
Iout = 0 A
2.3
3
mA
Shut-down current
VIN = VBIAS = 3.3 V
VIN = VBIAS = 5.0 V
25
40
µA
Voltage regulation
VOUT
Output voltage
Io = 0.1 A; VIN = 3.3 V; ADJ = OUT
0.496
0.500
0.504
V
ADJ
Line regulation
Vin = 3.30 V +/- 10 %; Io = 10 mA
Vin = 4.50 V +/- 10 %; Io = 10 mA
2.5
2.5
mV
Load regulation
Vin = 3.3 V; Io = 100 mA to 3 A
7
mV
Ripple rejection (1)
1.
Parameter guaranteed by design, not tested in production
F = 100...120 Hz; Io = 10 mA
Vin = 3 V;
∆Vin = 2 Vpp; Vout = 1 V
45
dB
RDS(on)
Drain-to-source resistance
Io = 3 A
30
60
m
Ω
Enable, SS and protections
IOCP
Current limiting
Vo = 1.8 V
3.15
3.50
3.85
A
PGOOD
Power Good threshold
VADJ falling, wrt Ref.
77
85
%
Hysteresis
10
%
Voltage low
I = -1 mA
0.4
V
EN
Enable threshold
EN rising
1.05
V
SS
Soft start current
Vss = 0 V
1.0
µA
OT
Thermal shut-down
Temperature rising (1)
150
°C
Hysteresis (1)
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com