Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R167 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST10R167
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST10R167 Datasheet HTML 3Page - STMicroelectronics ST10R167 Datasheet HTML 4Page - STMicroelectronics ST10R167 Datasheet HTML 5Page - STMicroelectronics ST10R167 Datasheet HTML 6Page - STMicroelectronics ST10R167 Datasheet HTML 7Page - STMicroelectronics ST10R167 Datasheet HTML 8Page - STMicroelectronics ST10R167 Datasheet HTML 9Page - STMicroelectronics ST10R167 Datasheet HTML 10Page - STMicroelectronics ST10R167 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
ST10R167
7/63
P2.0 - P2.7
P2.8 - P2.15
47 - 54
57 - 64
I/O
16-bit bidirectional I/O port, bit-wise programmable for input or output via
direction bits. Programming an I/O pin as input forces the corresponding
output driver to high impedance state. Port 2 outputs can be configured as
push/pull or open drain drivers. The input threshold of Port 2 is selectable
(TTL or special).
The following Port 2 pins have alternate functions:
47
...
54
57
...
64
I/O
...
I/O
I/O
I
...
I/O
I
I
P2.0
CC0IO
CAPCOM: CC0 Capture Input/Compare Output
...
...
...
P2.7
CC7IO
CAPCOM: CC7 Capture Input/Compare Output
P2.8
CC8IO
CAPCOM: CC8 Capture Input/Compare Output
EX0IN
Fast External Interrupt 0 Input
...
...
...
P2.15
CC15IO
CAPCOM: CC15 Capture Input/Compare Output
EX7IN
Fast External Interrupt 7 Input
T7IN
CAPCOM2 Timer T7 Count Input
P3.0 - P3.5
P3.6 - P3.13
P3.15
65 - 70
73 - 80
81
I/O
I/O
I/O
15-bit (P3.14 is missing) bidirectional I/O port, bit-wise programmable for
input or output via direction bits. Programming an I/O pin as input forces
the corresponding output driver to high impedance state. Port 3 outputs
can be configured as push/pull or open drain drivers. The input threshold
of Port 3 is selectable (TTL or special).
The following Port 3 pins have alternate functions:
65
66
67
68
69
70
73
74
75
76
77
78
79
80
81
I
O
I
O
I
I
I
I
I/O
I/O
I/O
O
O
I/O
O
P3.0
T0IN
CAPCOM Timer T0 Count Input
P3.1
T6OUT
GPT2 Timer T6 Toggle Latch Output
P3.2
CAPIN
GPT2 Register CAPREL Capture Input
P3.3
T3OUT
GPT1 Timer T3 Toggle Latch Output
P3.4
T3EUD
GPT1 Timer T3 External Up/Down Control Input
P3.5
T4IN
GPT1 Timer T4 Input for Count/Gate/Reload/Capture
P3.6
T3IN
GPT1 Timer T3 Count/Gate Input
P3.7
T2IN
GPT1 Timer T2 Input for Count/Gate/Reload/Capture
P3.8
MRST
SSC Master-Receive/Slave-Transmit I/O
P3.9
MTSR
SSC Master-Transmit/Slave-Receive O/I
P3.10
TxD0
ASC0 Clock/Data Output (Asynchronous/Synchronous)
P3.11
RxD0
ASC0 Data Input (Asyn.) or I/O (Synchronous)
P3.12
BHE
External Memory High Byte Enable Signal,
WRH
External Memory High Byte Write Strobe
P3.13
SCLK
SSC Master Clock Output/Slave Clock Input
P3.15
CLKOUT System Clock Output (=CPU Clock)
P4.0 - P4.7
85 - 92
I/O
8-bit bidirectional I/O port, bit-wise programmable for input or output via
direction bits. Programming an I/O pin as input forces the corresponding
output driver to high impedance state. For external bus configuration,
Port 4 can be used to output the segment address lines:
85 - 89
90
91
92
O
O
I
O
O
O
P4.0 - P4.4
A16 - A20
Least Significant Segment Address Line
P4.5
A21
Segment Address Line
CAN_RxD
CAN Receive Data Input
P4.6
A22
Segment Address Line,
CAN_TxD
CAN Transmit Data Output
P4.7
A23
Most Significant Segment Address Line
RD
95
O
External Memory Read Strobe. RD is activated for every external instruc-
tion or data read access.
Table 1 : Pin list (continued)
Symbol
Pin
Type
Function
II - PIN DATA (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com