Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R167 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST10R167
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST10R167 Datasheet HTML 54Page - STMicroelectronics ST10R167 Datasheet HTML 55Page - STMicroelectronics ST10R167 Datasheet HTML 56Page - STMicroelectronics ST10R167 Datasheet HTML 57Page - STMicroelectronics ST10R167 Datasheet HTML 58Page - STMicroelectronics ST10R167 Datasheet HTML 59Page - STMicroelectronics ST10R167 Datasheet HTML 60Page - STMicroelectronics ST10R167 Datasheet HTML 61Page - STMicroelectronics ST10R167 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
ST10R167
58/63
XX - ELECTRICAL CHARACTERISTICS (continued)
XX.4.11 - CLKOUT and READY
VDD =5V ± 10%, VSS = 0V, TA = -40 to +125°C
CL (for Port0, Port1, Port 4, ALE, RD, WR, BHE, CLKOUT) = 100pF
CL (for Port 6, CS) = 100pF
Notes 1.These timings are given for test purposes only, in order to assure recognition at a specific clock edge.
2. Demultiplexed bus is the worst case. For multiplexed bus 2TCL are to be added to the maximum values. This adds even more time
for deactivating READY.
The 2tA and tC refer to the next following bus cycle, tF refers to the current bus cycle.
Table 20 : CLKOUT and READY characteristics
Symbol
Parameter
Max. CPU Clock
= 25MHz
Variable CPU Clock
1/2TCL = 1 to 25MHz
Unit
Min.
Max.
Min.
Max.
t29
CC
CLKOUT cycle time
40
40
2TCL
2TCL
ns
t30
CC
CLKOUT high time
14
–
TCL – 6
–
ns
t31
CC
CLKOUT low time
10
–
TCL – 10
–
ns
t32
CC
CLKOUT rise time
–
4
–
4
ns
t33
CC
CLKOUT fall time
–
4
–
4
ns
t34
CC
CLKOUT rising edge to ALE falling edge
0 + tA
10 + tA
0+ tA
10 + tA
ns
t35
SR
Synchronous READY setup time
to CLKOUT
14
–
14
–
ns
t36
SR
Synchronous READY hold time
after CLKOUT
4–
4
–
ns
t37
SR
Asynchronous READY low time
54
–
2TCL + 14
–
ns
t58
SR
Asynchronous READY setup time 1
14
–
14
–
ns
t59
SR
Asynchronous READY hold time 1
4–
4
–
ns
t60
SR
Async. READY hold time after RD, WR high
(Demultiplexed Bus) 2
00 + 2tA
+tC +tF
2
0
TCL - 20
+2tA +tC +tF
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com