Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R167 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST10R167
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST10R167 Datasheet HTML 34Page - STMicroelectronics ST10R167 Datasheet HTML 35Page - STMicroelectronics ST10R167 Datasheet HTML 36Page - STMicroelectronics ST10R167 Datasheet HTML 37Page - STMicroelectronics ST10R167 Datasheet HTML 38Page - STMicroelectronics ST10R167 Datasheet HTML 39Page - STMicroelectronics ST10R167 Datasheet HTML 40Page - STMicroelectronics ST10R167 Datasheet HTML 41Page - STMicroelectronics ST10R167 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
ST10R167
38/63
XX - ELECTRICAL CHARACTERISTICS
XX.1 - Absolute maximum ratings
Note
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. During overload conditions (V
IN>VDD or VIN<VSS) the voltage on pins with respect to
ground (V
SS) must not exceed the values defined by the Absolute Maximum Ratings.
XX.2 - Parameter interpretation
The parameters listed in the following tables
represent the characteristics of the ST10C167
and its demands on the system. Where the
ST10C167 logic provides signals with their
respective timing characteristics, the symbol “CC”
for Controller Characteristics is included in the
“Symbol” column.
Where the external system must provide signals
with their respective timing characteristics to the
ST10C167,
the
symbol
“SR”
for
System
Requirement is included in the “Symbol” column.
Symbol
Parameter
Value
Unit
VSS
Voltage on VDD pins with respect to ground
-0.5, +6.5
V
VSS
Voltage on any pin with respect to ground
-0.3 to VDD +0.3
V
Input current on any pin during overload condition
-10, +10
mA
Absolute sum of all input currents during overload condition
|100|
mA
Ptot
Power Dissipation
1.5
W
Tamb
Ambient Temperature under bias
-40, +125
°C
Tstg
Storage Temperature
-65, +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com