Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R167 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST10R167
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST10R167 Datasheet HTML 33Page - STMicroelectronics ST10R167 Datasheet HTML 34Page - STMicroelectronics ST10R167 Datasheet HTML 35Page - STMicroelectronics ST10R167 Datasheet HTML 36Page - STMicroelectronics ST10R167 Datasheet HTML 37Page - STMicroelectronics ST10R167 Datasheet HTML 38Page - STMicroelectronics ST10R167 Datasheet HTML 39Page - STMicroelectronics ST10R167 Datasheet HTML 40Page - STMicroelectronics ST10R167 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
ST10R167
37/63
XIX.1 - Identification Registers
The ST10R167 has four Identification registers,
mapped in ESFR space. These registers contain:
– a manufacturer identifier,
– a chip identifier, with its revision,
– a internal memory and size identifier,
– programming voltage description.
IDMANUF (F07Eh / 3Fh)
ESFR
Description
IDMANUF : Manufacturer Identifier - 0400h:
STmicroelectronics Manufacturer (JTAG world-
wide normalisation).
IDCHIP (F07Ch / 3Eh)
ESFR
Description
IDCHIP: Device Identifier - 0A72h for ST10R167.
IDMEM (F07Ah / 3Dh)
ESFR
Description
IDMEM: 1008h for ST10R167 (Romless MCU).
IDPROG (F078h / 3Ch)
ESFR
Description
IDPROG: 0000h for ST10R167 (Romless MCU).
XIX - SPECIAL FUNCTION REGISTER OVERVIEW (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com