Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R167 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST10R167
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R167 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST10R167 Datasheet HTML 20Page - STMicroelectronics ST10R167 Datasheet HTML 21Page - STMicroelectronics ST10R167 Datasheet HTML 22Page - STMicroelectronics ST10R167 Datasheet HTML 23Page - STMicroelectronics ST10R167 Datasheet HTML 24Page - STMicroelectronics ST10R167 Datasheet HTML 25Page - STMicroelectronics ST10R167 Datasheet HTML 26Page - STMicroelectronics ST10R167 Datasheet HTML 27Page - STMicroelectronics ST10R167 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
ST10R167
24/63
XIII - SERIAL CHANNELS
Serial communication with other microcontrollers,
processors, terminals or external peripheral com-
ponents is provided by two serial interfaces: the
asynchronous/synchronous
serial
channel
(ASC0) and the high-speed synchronous serial
channel (SSC).
Two dedicated Baud rate generators set up all
standard Baud rates without the requirement of
oscillator tuning.
For transmission, reception and erroneous recep-
tion, 3 separate interrupt vectors are provided for
each serial channel.
ASCO
ASCO
supports
full-duplex
asynchronous
communication
up
to
781.25K
Baud
and
half-duplex synchronous communication up to
5M Baud
at
25MHz
system
clock.
For
asynchronous operation, the Baud rate generator
provides a clock with 16 times the rate of the
established Baud rate.
The table below lists various commonly used
Baud rates together with the required reload val-
ues and the deviation errors compared to the
intended Baud rate (see Table 10).
For synchronous operation, the Baud rate genera-
tor provides a clock with 4 times the rate of the
established Baud rate.
Note
The deviation errors given in the table above are rounded. Using a Baud rate crystal will provide correct Baud rates without deviation
errors.
Table 10 : Commonly used Baud rates by reload value and deviation errors
S0BRS = ‘0’, fCPU = 25MHz
S0BRS = ‘1’, fCPU = 25MHz
Baud Rate (Baud)
Deviation Error
Reload Value
Baud Rate (Baud)
Deviation Error
Reload Value
781250
±0.0%
0000H
520833
±0.0%
0000H
56000
+7.3% / -0.4%
000CH / 000DH
56000
+3.3% / -7.0%
0008H / 0009H
38400
+1.7% / -3.1%
0013H / 0014H
38400
+4.3% / -3.1%
000CH / 000DH
19200
+1.7% / -0.8%
0027H / 0028H
19200
+0.5% / -3.1%
001AH / 001BH
9600
+0.5% / -0.8%
0050H/ 0051H
9600
+0.5% / -1.4%
0035H / 0036H
4800
+0.5% / -0.1%
00A1H / 00A2H
4800
+0.5% / -0.5%
006BH / 006CH
2400
+0.2% / -0.1%
0144H / 0145H
2400
+0.0% / -0.5%
00D8H / 00D9H
1200
+0.0% / -0.1%
028AH / 028BH
1200
+0.0% / -0.2%
01B1H / 01B2H
600
+0.0% / -0.1%
0515H / 0516H
600
+0.0% / -0.1%
0363H / 0364H
95
+0.4% / 0.4%
1FFFH / 1FFFH
75
+0.0% / 0.0%
1B1FH / 1B20H
63
+0.9% / 0.9%
1FFFH / 1FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com