Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272LT6 Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST10R272LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT6 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST10R272LT6 Datasheet HTML 25Page - STMicroelectronics ST10R272LT6 Datasheet HTML 26Page - STMicroelectronics ST10R272LT6 Datasheet HTML 27Page - STMicroelectronics ST10R272LT6 Datasheet HTML 28Page - STMicroelectronics ST10R272LT6 Datasheet HTML 29Page - STMicroelectronics ST10R272LT6 Datasheet HTML 30Page - STMicroelectronics ST10R272LT6 Datasheet HTML 31Page - STMicroelectronics ST10R272LT6 Datasheet HTML 32Page - STMicroelectronics ST10R272LT6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
29/77
ST10R272L - GENERAL PURPOSE TIMERS
10.2 GPT2
The GPT2 module provides precise event control and time measurement. It includes two
timers (T5, T6) and a capture/reload register (CAPREL). Both timers can be clocked with an
input clock derived from the CPU clock via a programmable prescaler or with external signals.
The count direction (up/down) for each timer is programmable by software or altered
dynamically by an external signal on a port pin (TxEUD). Concatenation of the timers is
supported by the output toggle latch (T6OTL) of timer T6, which changes its state on each
timer overflow/underflow.
The state of T6OTL may be used to clock timer T5, or may be output on a port pin T6OUT. The
overflows/underflows of timer T6 reload the CAPREL register. The CAPREL register captures
the contents of T5 based on an external signal transition on the corresponding port pin
(CAPIN), and timer T5 may optionally be cleared after the capture procedure. This allows
absolute time differences to be measured or pulse multiplication to be performedwithout
software overhead.
F
CPU=50MHz
Timer input selection
000b
001b
010b
011b
100b
101b
110b
111b
Prescaler
Factor
4
8
16
32
64
128
256
512
Input
Frequency
12.5 MHz 6.25 MHz 3.125
MHz
1.563
MHz
781
KHz
391
KHz
195
KHz
97.6
KHz
Resolution
80ns
160ns
320ns
640ns
1.28 us
2.56 us
5.12 us
10.24 us
Period
5.24ms
10.49ms
20.97ms
41.94ms
83.88ms
167.7ms
335.5ms
671ms
Table 9 GPT2 timer input frequencies, resolution and periods
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com