Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272LT6 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST10R272LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT6 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST10R272LT6 Datasheet HTML 39Page - STMicroelectronics ST10R272LT6 Datasheet HTML 40Page - STMicroelectronics ST10R272LT6 Datasheet HTML 41Page - STMicroelectronics ST10R272LT6 Datasheet HTML 42Page - STMicroelectronics ST10R272LT6 Datasheet HTML 43Page - STMicroelectronics ST10R272LT6 Datasheet HTML 44Page - STMicroelectronics ST10R272LT6 Datasheet HTML 45Page - STMicroelectronics ST10R272LT6 Datasheet HTML 46Page - STMicroelectronics ST10R272LT6 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
43/77
ST10R272L - ELECTRICAL CHARACTERISTICS
PORT0 configuration current3
IP0H
4
–-4
µAV
IN = VIHmin
IP0L
5
-50
–
µAV
IN = VILmax
RPD pulldown current2
IRPD
5
100
500
µAV
OUT = VDD
XTAL1 input current
IIL
CC
–
±20
µA
0 V <
VIN < VDD
Pin capacitance6)
(digital inputs/outputs)
CIO
CC
–
10
pF
f = 1 MHz
TA = 25 °C
Power supply current
ICC
–15 +
2.5 * fCPU
mA
fCPU in [MHz]
7)
Idle mode supply current
IID
–10 +
0.9 * fCPU
mA
RSTIN =
VIH1
fCPU in [MHz]
7
Power-down mode supply current I
PD
8
–200
µA
VDD = 3.6 V
9
1) This specification is not valid for outputs which are switched to open drain mode. In this case
the respective output will float and the resulting voltage comes from the external circuitry.
2) This specification is only valid during reset, or interruptible power-down mode, after recep-
tion of an external interrupt signal that will wake up the CPU.
3) This specification is only valid during reset, hold or adapt-mode. Port 6 pins are only affected
if they are used for CS output and the open drain function is not enabled.
4) The maximum current may be drawn while the signal line remains inactive.
5) The minimum current must be drawn in order to drive the signal line active.
6) Not 100% tested, guaranteed by design characterization.
7) Supply current is a function of operating frequency as illustrated in Figure 10 on page 44.
This parameter is tested at VDDmax and 50 MHz CPU clock with all outputs disconnected
and all inputs at VIL or VIH with an infinite execution of NOP instruction fetched from external
memory (16-bit demux bus mode, no waitstates, no memory tri-state waitstates, normal
ALE).
8) Typical value at 25°C = 20 µA.
9) This parameter is tested including leakage currents. All inputs (including pins configured as
inputs) at 0 V to 0.1 V or at VDD – 0.1 V to VDD, VREF = 0 V, all outputs (including pins con-
figured as outputs) disconnected.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
max.
Table 14 DC characteristics
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com