Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272LT6 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST10R272LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT6 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST10R272LT6 Datasheet HTML 50Page - STMicroelectronics ST10R272LT6 Datasheet HTML 51Page - STMicroelectronics ST10R272LT6 Datasheet HTML 52Page - STMicroelectronics ST10R272LT6 Datasheet HTML 53Page - STMicroelectronics ST10R272LT6 Datasheet HTML 54Page - STMicroelectronics ST10R272LT6 Datasheet HTML 55Page - STMicroelectronics ST10R272LT6 Datasheet HTML 56Page - STMicroelectronics ST10R272LT6 Datasheet HTML 57Page - STMicroelectronics ST10R272LT6 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
54/77
ST10R272L - ELECTRICAL CHARACTERISTICS
RdCS to Valid Data In
(with RW delay)
t46
SR
–
3 +
tC
–
2TCL - 17
+
tC
ns
RdCS to Valid Data In
(no RW delay)
t47
SR
–
13 +
tC
–
3TCL - 17
+
tC
ns
RdCS, WrCS Low Time
(with RW delay)
t48
CC
13 +
tC
–
2TCL - 7+
tC
–ns
RdCS, WrCS Low Time
(no RW delay)
t49
CC
23 +
tC
–
3TCL - 7+
tC
–ns
Data valid to WrCS
t50
CC
10 +
tC
–
2TCL - 10 +
tC –ns
Data hold after RdCS
t51
SR
0–0
–
ns
Data float after RdCS1 2
t52
SR
–
13 +
tF
2
–
2TCL - 7 +
tF
2
ns
Address hold after
RdCS, WrCS
t54
CC
10 +
tF
–
2TCL - 10 +
tF –ns
Data hold after WrCS
t56
CC
10 +
tF
–
2TCL - 10 +
tF –ns
1) Output loading is specified using Figure 13 (CL = 5 pF).
2) This delay assumes that the following bus cycle is a multiplexed bus cycle. If next bus cycle
is demultiplexed, refer to demuxultiplexed equivalent AC timing.
Parameter
Symbol
Max. CPU Clock
= 50 MHz
Variable CPU Clock
1/2TCL = 1 to 50 MHz
min.
max.
min.
max.
Table 17 Multiplexed bus
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com