Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272LT6 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST10R272LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT6 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST10R272LT6 Datasheet HTML 37Page - STMicroelectronics ST10R272LT6 Datasheet HTML 38Page - STMicroelectronics ST10R272LT6 Datasheet HTML 39Page - STMicroelectronics ST10R272LT6 Datasheet HTML 40Page - STMicroelectronics ST10R272LT6 Datasheet HTML 41Page - STMicroelectronics ST10R272LT6 Datasheet HTML 42Page - STMicroelectronics ST10R272LT6 Datasheet HTML 43Page - STMicroelectronics ST10R272LT6 Datasheet HTML 44Page - STMicroelectronics ST10R272LT6 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
41/77
ST10R272L - ELECTRICAL CHARACTERISTICS
Remarks on 5 volt tolerant (5T) and 5 volt fail-safe (5S) pins
The 5V tolerant input and output pins can sustain an absolute maximum external voltage of
5.5V.
However, signals on unterminated bus lines might have overshoot above 5.5V, presenting
latchup and hot carrier risks. While these risks are under evaluation, observe the following se-
curity recommendations:
•
Maximum peak voltage on 5V tolerant pin with respect to ground (VSS)= +6 V
•
If the ringing of the external signal exceeds 6V, then clip the signal to the 5V supply.
Power supply failure condition
The power supply failure condition is a state where the chip is NOT supplied but is connected
to active signal lines. There are several cases:
•
3.3V external lines on 3.3V (3T) pin on the non powered chip: ...............NOT Acceptable
•
3.3V external lines on 5V tolerant (5T) pin on the non powered chip: ............. Acceptable
The 5V tolerant buffer do not leak: external signals not altered. No reliability problem.
•
3.3V external lines on 5V fail-safe (5S) pin on the non powered chip: ............ Acceptable
The 5V tolerant buffer do not leak: external signals not altered. No reliability problem.
•
5.5V external lines on 5V tolerant (5T) pin on the non powered chip: ............. Acceptable
For VERY SHORT times only: the buffers do not leak (external signals not altered) but
there is a fast degradation of the gate oxides in the buffers. The total maximum time under
this stress condition is 2 days. This limits this configuration to short power-up/down
sequences. For 10 year life time, the maximum duty factor is 1/1800 allowing e.g. a
maximum stress duration of 48 seconds per day.
•
5.5V external lines on 5V fail-safe (5S) pin on the non powered chip: ............ Acceptable
•
6V transient signals on 5V tolerant (5T) pin on the non powered chip: ...NOT Acceptable
•
6V transient signals on 5V fail-safe (5S) pin on the non powered chip:.......... Acceptable
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com