Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272LT6 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST10R272LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272LT6 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST10R272LT6 Datasheet HTML 41Page - STMicroelectronics ST10R272LT6 Datasheet HTML 42Page - STMicroelectronics ST10R272LT6 Datasheet HTML 43Page - STMicroelectronics ST10R272LT6 Datasheet HTML 44Page - STMicroelectronics ST10R272LT6 Datasheet HTML 45Page - STMicroelectronics ST10R272LT6 Datasheet HTML 46Page - STMicroelectronics ST10R272LT6 Datasheet HTML 47Page - STMicroelectronics ST10R272LT6 Datasheet HTML 48Page - STMicroelectronics ST10R272LT6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
45/77
ST10R272L - ELECTRICAL CHARACTERISTICS
16.3 AC Characteristics
Test conditions
•
Input pulse levels: ........................................................................................... 0 to +3.0 V
•
Input rise and fall times (10%-90%):........................................................................ 2.5 ns
•
Input timing reference levels: ................................................................................. +1.5 V
•
Output timing reference levels: .............................................................................. +1.5 V
•
Output load: ................................................................................................. seeFigure 12
Figure 11 Input waveforms
Figure 12 Output load circuit waveform
≤ 2.5ns
10%
90%
≤ 2.5 ns
10%
90%
0 V
3 V
1.5V
1.5V
timing ref. points
VOL
VOH
1.5V
1.5V
timing reference points
~
Vref
IOL = 1mA
IOH = 1mA
From output
under test
CL = 50pF
3.3 V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com