Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 103 page
background image
WM8580
Production Data
w
PD Rev 4.5 February 2008
38
Figure 23 shows the application and release of MUTE whilst a full amplitude sinusoid is being played
at 48kHz sampling rate. When MUTE (lower trace) is asserted, the output (upper trace) begins to
decay exponentially from the DC level of the last input sample. The output will decay towards VMID
with a time constant of approximately 64 input samples. If MUTE is applied to all channels for 1024
or more input samples the DAC will be muted if IZD is set. When MUTE is de-asserted, the output
will restart immediately from the current input sample.
All other means of muting the DAC channels will cause a much more abrupt muting of the output.
This abrupt muting is referred to as an analog mute and it will switch the analog outputs immediately
to VMID.
DE-EMPHASIS MODE
A digital de-emphasis filter may be applied to each DAC channel. The de-emphasis filter for each
stereo channel is enabled under the control of DEEMP[2:0]. DEEMP[0] enables the de-emphasis
filter for DAC 1, DEEMP[1] enables the de-emphasis filter for DAC 2, and DEEMP[2] enables the de-
emphasis filter for DAC 3.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
DEEMP[2:0]
000
De-emphasis mode select:
DEEMP[0] = 1, enable De-
emphasis on DAC1.
DEEMP[1] = 1, enable De-
emphasis on DAC2.
DEEMP[2] = 1, enable De-
emphasis on DAC3.
R17
DAC Control 3
11h
4
DEEMPALL
0
0 = De-emphasis controlled by
DEEMP[2:0]
1 = De-emphasis enabled on all
DACs
Table 27 De-emphasis Register
Refer to Figure 47, Figure 48, Figure 49 and Figure 50 for details of the De-Emphasis modes at
different sample rates.
DAC OUTPUT PHASE
The DAC Phase control word determines whether the output of each DAC is non-inverted or inverted
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18
DAC Control 4
12h
5:0
PHASE
[5:0]
111111
Controls phase of DAC outputs
0 = inverted
1 = non-inverted
PHASE[0] = 0 inverts phase of
DAC1L output
PHASE[1] = 0 inverts phase of
DAC1R output
PHASE[2] = 0 inverts phase of
DAC2L output
PHASE[3] = 0 inverts phase of
DAC2R output
PHASE[4] = 0 inverts phase of
DAC3L output
PHASE[5] = 0 inverts phase of
DAC3R output
Table 28 DAC Output Phase Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com