Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 103 page
background image
Production Data
WM8580
w
PD Rev 4.5 February 2008
61
. . . . . . . . .
Frame
192
Frame
1
Subframe 1
Subframe 2
Sync
preamble
Aux
V
U
C
P
Audio Sample Word
3 4
7 8
27 28
0
31
32 bit
Word
Figure 39 S/PDIF Format
S/PDIF TRANSMITTER
The S/PDIF transmitter generates the S/PDIF frames, and outputs on the SPDIFOP pin. The audio
data for the frame can be taken from one of four sources, selectable using the TXSRC register. The
transmitter can be powered down using the SPDIFTXD register bit. The S/PDIF Transmitter can be
bypassed by setting the REAL_THROUGH register control bit. When set, the SPDIFOP pin sources
the output of the S/PDIF input mux.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
TXSRC[1:0]
00
S/PDIF Transmitter Data Source
00 = S/PDIF received data (see REAL_THROUGH)
01 = ADC digital output data.
10 = Secondary Audio Interface
11 = Audio Interface received data
2
OVWCHAN
0
Overwrite Channel Status
Only used if TXSRC=00. Overwrites the received channel
status data using data read from S/PDIF transmitter
channel status register
0 = Channel data equal to recovered channel data.
1 = Channel data taken from channel status registers.
3
REAL_
THROUGH
0
S/PDIF Through Mode Control
0 = SPDIFOP pin sources output of S/PDIF Transmitter
1 = SPDIFOP pins sources output of S/PDIF IN Mux
4
TXVAL_
OVWR
0
S/PDIF Transmitter Validity Overwrite Mode
0 = disabled, validity bit is 0 when transmitter sources
ADC, PAIF or SAIF, or is matches the S/PDIF input
validity when S/PDIF transmitter sources S/PDIF receiver.
1 = enabled, validity bit transmitted for subframe 0 is
defined by TXVAL_SF0, validity bit transmitted for
subframe 1 is defined by TXVAL_SF1.
5
TXVAL_SF0
0
Overwrite Mode S/PDIF Transmitter Validity Sub-Frame 0
0 = transmit validity = 0
1 = transmit validity = 1
R30
SPDTXCHAN 0
1Eh
6
TXVAL_SF1
0
Overwrite Mode S/PDIF Transmitter Validity Sub-Frame 1
0 = transmit validity = 0
1 = transmit validity = 1
R51
PWRDN 2
33h
4
SPDIFTXD
1
S/PDIF Transmitter powerdown
0 = S/PDIF Transmitter enabled
1 = S/PDIF Transmitter disabled
Table 55 S/PDIF Transmitter Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com