Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
Production Data
WM8580
w
PD Rev 4.5 February 2008
83
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4
PLLB 1
04h
8:0
PLLB_K[8:0]
100100001
R5
PLLB 2
05h
8:0
PLLB_K[17:9]
101111110
3:0
PLLB_K[21:18]
1101
Fractional (K) part of PLLB freqIcy ratio (R).
Value K is one 22-digit binary number spread over registers R4,
R5 and R6 as shown.
Note: PLLB_K must be set to specific values when the S/PDIF
receiver is used. Refer to S/PDIF Receive Mode Clocking
section for details.
R6
PLLB 3
06h
7:4
PLLB_N[3:0]
0111
Integer (N) part of PLLB fIuency ratio (R).
Use values in the range 5 ≤ PLLB_N ≤ 13 as close as possible to
8
Note: PLLB_N must be set to specific values when the S/PDIF
receiver is used. Refer to S/PDIF Receive Mode Clocking
section for details.
0
PRESCALE_B
0
PLL Pre-scale Divider Select
0 = Divide by 1 (PLL input clock = oscillator clock)
1 = Divide by 2 (PLL input clock = oscillator clock
÷ 2)
Note: PRESCALE_A must be set to the same value as
PRESCALE_B in PLL S/PDIF receiver mode.
1
POSTSCALE_B
0
PLL Post-scale Divider Select
PLL S/PDIF Receiver Mode
POSTSCALE_A is used to configure a 256fs or 128fs PLLACLK,
POSTSCALE_B is not used. Refer to Table 51.
PLL User Mode
Used in conjunction with the FREQMODE_x bits. Refer to Table
50.
4:3
FREQMODE_B
[1:0]
10
PLL Output Divider Select
PLL S/PDIF Receiver Mode
FREQMODE_A is automatically controlled. FREQMODE_B is not
used.
PLL User Mode
Used in conjunction with the POSTSCALE_x bits. Refer to Table
50.
6:5
MCLKOUTSRC
00
MCLK pin output source
00 = Input – Source MCLK pin
01 = Output – Source PLLACLK
10 = Output – Source PLLBCLK
11 = Output – Source OSCCLK
R7
PLLB 4
07h
8:7
CLKOUTSRC
11
CLKOUT pin source
00 = No Output (tristate)
01 = Output – Source PLLACLK
10 = Output – Source PLLBCLK
11 = Output – Source OSCCLK
1:0
DAC_CLKSEL
00
DAC clock source
00 = MCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
R8
CLKSEL
08h
3:2
ADC_CLKSEL
00
ADC clock source
00 = ADCMLCK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com