Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 103 page
background image
Production Data
WM8580
w
PD Rev 4.5 February 2008
59
S/PDIF RECEIVE MODE CLOCKING
In S/PDIF receive mode, the PLLA_N and PLLA_K values are automatically controlled by the
S/PDIF receiver to allow the receiver to use PLLA to lock on to and track the incoming S/PDIF data
stream. PLLB must be configured to produce a specific reference clock frequency for the S/PDIF
receiver.
The S/PDIF receiver has three clocking modes based on the incoming S/PDIF stream sample rate.
The modes are:
•
Mode 1: Incoming S/PDIF Sample Rate = 88.2kHz -1% to 96kHz +1%
•
Mode 2: Incoming S/PDIF Sample Rate = 44.1kHz -1% to 48kHz +1%
•
Mode 3: Incoming S/PDIF Sample Rate = 32kHz +/- 1%
Before the S/PDIF receiver is enabled, it is important that the PLLB_N and PLLB_K register values
(and the PRESCALE_x values as appropriate) are manually configured in a specific default state.
Note that the PRESCALE_A value must always be set to the same value as PRESCALE_B.
The specified PLLB f2 frequency that must be configured using the PLLB_N and PLLB_K register
values (and the PRESCALE_x values as appropriate) for reception of specific S/PDIF sample rates is
as follows:
•
Modes 1/2/3 (32/44.1/48/88.2/96kHz Sample Rates): PLLB f2 = 94.3104MHz
The FREQMODE_B[1:0] bits and POSTSCALE_B bit are not used in PLL S/PDIF recever mode.
The PLL register settings are configured by default to allow S/PDIF receiver operation using a 12MHz
crystal clock. The appropriate PLLB register values must be updated if any crystal clock frequency
other than 12MHz is used.
Refer to Table 54 for details of a number of recommended PLLB configurations. Many other
configurations are possible; please refer to PLL Configuration section for details regarding how to
calculate alternative settings.
OSC
CLK
(MHz)
PRE-
SCALE_X
S/PDIF RECEIVER
SAMPLE RATE(S) (kHz)
F1
(MHz)
F2
(MHz)
R
PLLB_N
(Hex)
PLLB_K
(Hex)
COMMENT
11.2896
0
32 / 44.1 / 48 / 88.2 / 96
11.2896 94.3104 8.3537
8
16A3B3
Set N, K
12
0
32 / 44.1 / 48 / 88.2 / 96
12
94.3104 7.8592
7
36FD21
Default Setting
12.288
0
32 / 44.1 / 48 / 88.2 / 96
12.288 94.3104 7.675
7
2B3333
Set K
19.2
1
32 / 44.1 / 48 / 88.2 / 96
9.6
94.3104 9.824
9
346C6A
Set Prescales, N, K
24
1
32 / 44.1 / 48 / 88.2 / 96
12
94.3104 7.8592
7
36FD21
Set Prescales
27
1
32 / 44.1 / 48 / 88.2 / 96
13.5
94.3104 6.986
6
3F19E5
Set Prescales, N, K
Table 54 S/PDIF Receive Mode PLLB Initial Configuration Examples
The recommended configuration sequences are as follows:
TO INITIALLY CONFIGURE THE SYSTEM FOR S/PDIF RECEIVER STARTUP:
1.
Disable the PLLA and PLLB by seting the PLLAPD and PLLBPD bits
2.
Write appropriate calculated values (relative to oscillator frequency) to
PRESCALE_A, PRESCALE_B, PLLB_N and PLLB_K.
3.
Enable S/PDIF receiver by clearing the SPDIFRXPD and SPDIFPD bits.
4.
Enable PLLA and PLLB by clearing the PLLAPD and PLLBPD bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com