Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 103 page
background image
WM8580
Production Data
w
PD Rev 4.5 February 2008
42
CLOCK SELECTION
To accompany the flexible digital routing options, the WM8580 offers a similar flexible clock
configuration capability. The user can chose which clock drives each of the main functional blocks. In
general the choice of clock is between MCLK, ADCMCLK, PLLACLK and PLLBCLK, with some
restrictions dependant upon the digital routing configuration. An example of the restrictions is if the
S/PDIF receiver is routed to DAC1, then the appropriate clock for DAC1 is autoconfigured. Not all 4
clocks are available to all main function blocks. For the purposes of description, Table 33 defines the
signal names and descriptions used in the following sections.
Signal Name
Description
MCLK
System Master Clock pin
ADCMCLK
ADC Masetr clock input pin (MFP2)
PLLACLK
Output of PLLA (following any programmed division)
PLLBCLK
Output of PLLB (following any programmed division)
DAC_CLK
The internal clock driving all DAC functional blocks
DAC_CLK_SEL
User programmed register select bits to select DAC_CLK (Reg8, bits 1:0)
DAC_CLK_SEL_I
Internally generated multiplexer select bits to select DAC_CLK – generated based on
DAC_CLK_SEL register bits and digital routing configuration.
ADC_CLK
The internal clock driving the ADC functional block
ADC_CLK_SEL_I
Internally generated multiplexer select bits to select ADC_CLK – generated based on
ADC_CLK_SEL register bits and digital routing configuration.
ADC_CLK_SEL
User programmed register select bits to select ADC_CLK (Reg8, bits 3:2)
TX_CLK
The internal clock driving the S/PDIF Tx functional block
TX_CLKSEL_I
Internally generated multiplexer select bits to select TX_CLK – generated based on
TX_CLKSEL register bits and digital routing configuration.
TX_CLKSEL
User programmed register select bits (Reg8, bits 5:4) to select TX_CLK
PAIFRXMS_CLKSEL
User programmed register select bits (Reg9, bits 7:6) to select PAIF Rx interface input clock
when the PAIF Rx is configured in master mode. In master mode, the PAIF Rx generates a
BCLK and an LRCLK from the selected clock source. When in Slave mode the PAIF Rx uses
the input pins PAIFRX_BCLK and PAIFRX_LRCLK
PAIFRXMS_CLKSEL_I
Internally generated multiplexer select bits to select PAIF Rx clock source – generated based
on PAIFRXMS_CLKSEL register bits and digital routing configuration.
PAIFTXMS_CLKSEL
User programmed register select bits (Reg??, bits ??) to select PAIF Tx interface input clock
when the PAIF Tx is configured in master mode. In master mode, the PAIF Tx generates a
BCLK and an LRCLK from the selected clock source. When in Slave mode the PAIF Tx uses
the input pins PAIFTX_BCLK (MFP1) and PAIFTX_LRCLK
PAIFTXMS_CLKSEL_I
Internally generated multiplexer select bits to select PAIF Rx clock source – generated based
on PAIFRXMS_CLKSEL register bits and digital routing configuration.
SAIF_CLKSEL
User programmed register select bits (Reg11, bits 7:6) to select SAIF (Tx and Rx) interface
input clock when the SAIF is configured in master mode. In master mode, the SAIF
generates a BCLK and an LRCLK from the selected clock source. When in Slave mode the
SAIF uses the input pins SAIF_BCLK (MFP6) and SAIF_LRCLK (MFP7).
SAIF_CLKSEL_I
Internally generated multiplexer select bits to select SAIF clock source – generated based on
SAIF_CLKSEL register bits and digital routing configuration.
Table 33 Definition of Signal Names for Purpose of Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com