Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5020AMMA0ES Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPF5020AMMA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMMA0ES Datasheet(HTML) 2 Page - NXP Semiconductors

  MPF5020AMMA0ES Datasheet HTML 1Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 2Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 3Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 4Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 5Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 6Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 7Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 8Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
2 / 105
3 Simplified application diagram
4
aaa-032546
V1P5D
VIN
V1P5A
SW1FB
SW1LX
SW2FB
SW2LX
SWND1FB
SWND1LX
LDO1OUT
PGOOD
VDDIO
PGOODx
VDDIO
4
INTB
AGND
EP
VDDIO
SDA
TBBEN
VDDIO
XFAILB
V1P5A
RESETBMCU
VDDIO
PF5020
SW1IN
VPRE
SW2IN
SWND1IN
LDO1IN
VDDOTP
VDDIO
PWRON
STANDBY
ENx
WDI
SCL
VDDIO
SYNC
Figure 1. Simplified application diagram
4 Ordering information
Table 1. Ordering information
Package
Type number [1]
Name
Description
Version
MPF5020AMBA0ES [2]
MPF5020AMMA0ES [3]
Plastic thermal enhanced very thin quad flat pack; no leads, wettable
flank, 40 terminals, 0.5 mm pitch, 6 mm x 6 mm x 0.85 mm body
Temperature grade: 125 ℃
MPF5020AVNA0ES [4]
HVQFN40
Plastic thermal enhanced very thin quad flat pack; no leads, wettable
flank, 40 terminals, 0.5 mm pitch, 6 mm x 6 mm x 0.85 mm body
Temperature grade: 105 ℃
SOT618-14
[1]
To order parts in tape and reel, add the R2 suffix to the part number.
[2]
Automotive part, Safety grade: ASIL B
[3]
Automotive part, Safety grade: QM
[4]
Industrial part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com