Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5020AMMA0ES Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPF5020AMMA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMMA0ES Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPF5020AMMA0ES Datasheet HTML 9Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 10Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 11Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 12Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 13Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 14Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 15Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 16Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
13 / 105
Symbol
Description
Conditions
Transition R
Self-test to fail-safe transition
1. Self-tests fail 3 times
&& TBBEN = low
Transition S
Power down (fault) to fail-safe transition Turn off event due to a fault condition moves to fail-safe transition
1. Power down sequence is finished
1. FS_CNT < FS_MAX_CNT
Transition U
Fail-safe transition to LP_Off
2. OTP_FS_BYPASS = 1
Transition P
Fail-safe transition to fail-safe state
(PF5020 ASILB only)
1. FS_CNT = FS_MAX_CNT
&& OTP_FS_BYPASS = 0
13.1 State descriptions
13.1.1 OTP/TRIM load
Upon VIN application, the V1P5D and V1P5A regulators are turned on automatically.
Once the V1P5D and V1P5A cross their respective POR thresholds, the fuses (for trim
and OTP) are loaded into the mirror registers and into the functional I2C registers if
configured by the voltage on the VDDOTP pin.
The fuse circuits have a CRC error check routine which reports and protects against
register loading errors on the mirror registers. If a register loading error is detected, the
corresponding TRIM_NOK or OTP_NOK flag is asserted. See Section 17 "OTP/TBB and
hardwire default configurations" for details on handling fuse load errors.
If no fuse load errors are present, VSNVS is configured as indicated in the OTP
configuration bits, and the state machine moves to the LP_off state.
13.1.2 LP_Off state
The LP_Off state is a low power off mode selectable by the LPM_OFF bit during the
system On mode. By default, the LPM_OFF = 0 when VIN crosses the UVDET threshold,
therefore the state machine stops at the LP_Off state until a valid power up event
is present. When LPM_OFF = 1, the state machine transitions automatically to the
QPU_Off state if no power up event has been present and waits in the QPU_Off until a
valid power up event is present.
The selection of the LPM_OFF bit is based on whether prioritizing low quiescent current
(stay in the LP_Off state) or quick power up (move to the QPU_Off state).
If a power up event is started in LP_Off state with LPM_OFF = 0 and a fuse loading error
is detected, the PF5020 ignores the power up event and remains in the LP_Off state to
avoid any potential damage to the system.
13.1.3 Self-test routine (PF5020 ASIL B only)
When the device transitions from the LP_Off state, it turns on all necessary internal
circuits as it moves into the self-test routine and performs a self-check routine to verify
the integrity of the internal circuits.
During the self-test routine the following blocks are verified:
• The high speed clock circuit is operating within a maximum of 15 % tolerance
• The output of both the voltage generation bandgap and the monitoring bandgap are not
more than 5 % to 12 % apart from each other



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com