Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5020AMMA0ES Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MPF5020AMMA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMMA0ES Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MPF5020AMMA0ES Datasheet HTML 66Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 67Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 68Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 69Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 70Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 71Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 72Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 73Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
70 / 105
aaa-028069
10.4 µs
5.2 µs
5 %
fosc
10 %
fosc
time
SS_RANGE = 0
SS_RANGE = 1
fmod = 24 kHz
fmod = 24 kHz
time
Figure 29. Spread-spectrum waveforms
If the frequency spread-spectrum is enabled, the switching regulators should be set in
PWM mode to ensure clock synchronization at all time.
If the external clock synchronization is enabled, (SYNC_MODE = 1), the spread
spectrum is disabled regardless of the value of the FSS_EN bit.
15.7.5 Clock synchronization
An external clock can be fed via the SYNC pin to synchronize the switching regulators to
this external clock.
When the OTP_SYNC_MODE = 0, the external clock synchronization is disabled. In this
case, the PLL is disabled, and the device always uses the internal high frequency clock
to generate the main frequency for the switching regulators.
When the OTP_SYNC_MODE = 1, the external clock synchronization is enabled. In this
case, the internal PLL is always enabled and it uses either the internal high frequency
clock or the SYNC pin as the source to generate the main frequency for the switching
regulators.
If the SYNCIN function is not used, the pin should be grounded. If the external clock is
meant to start up after the PMIC has started, the SYNC pin must be maintained low until
the external clock is applied.
The SYNC pin is prepared to detect clock signals with a 1.8 V or 3.3 V amplitude and
within the frequency range set by the FSYNC_RANGE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com