Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5020AMMA0ES Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPF5020AMMA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMMA0ES Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPF5020AMMA0ES Datasheet HTML 17Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 18Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 19Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 20Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 21Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 22Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 23Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 24Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
21 / 105
aaa-029955
LP_OFF State
tpwrup_lpm
Self-Test
RESETBMCU
Regulator Outputs
Fuse load done
(internal signal)
PWRON
VSNVS
V1P5D
UVDET
VIN
Fuse
Load
tfuseLoad
1.6 V
Final Regulation
tvin_rise
Figure 7. Startup with PWRON driven high externally and bit LPM_OFF = 0
Table 16. Startup with PWRON driven high externally and LPM_OFF = 0
Symbol
Parameter
Min
Typ
Max
Unit
tvin_rise
Rise time of VIN from VPWR application to UVDET
(system dependent)
10
—
1500
µs
tfuseload
Time from VIN crossing UVDET to Fuse_Load_done
(fuse loaded correctly)
—
—
600
µs
tpwrup_lpm
Time from PWRON going high to the first slot of the
power up sequence
—
—
800
µs
14.5 Power up
14.5.1 Power up events
Upon a power cycle (VIN > UVDET), the LPM_OFF bit is reset to 0, therefore the device
moves to the LP_Off state by default. The actual value of the LPM_OFF bit can be
changed during the Run mode and is maintained until VIN crosses the UVDET threshold.
In either one of the Off modes, the PF5020 can be enabled by the following power up
events:
1. When OTP_PWRON_MODE = 0, PWRON pin is pulled high.
2. When OTP_PWRON_MODE = 1, PWRON pin experiences a high to low transition
and remains low for as long as the PWRON_DBNC timer.
A power up event is valid only if:
• VIN > UVDET
• VIN < VIN_OVLO (unless the OVLO is disabled or OTP_VIN_OVLO_SDWN = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com