Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF5020AMMA0ES Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MPF5020AMMA0ES
Description  Power management integrated circuit
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5020AMMA0ES Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MPF5020AMMA0ES Datasheet HTML 49Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 50Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 51Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 52Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 53Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 54Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 55Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 56Page - NXP Semiconductors MPF5020AMMA0ES Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 105 page
background image
NXP Semiconductors
PF5020
Power management integrated circuit (PMIC) for high performance applications
PF5020
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
53 / 105
SWx regulators use 2 bits SWxILIM[1:0], to program the current limit detection.
Table 41. SWx current limit selection
SWxILIM[1:0]
Typical current limit
00
2.1 A
01
2.6 A
10
3.0 A
11
4.5 A
During single phase operation, all buck regulators use 3 bits (SWxPHASE[2:0]) to control
the phase shift of the switching frequency. Upon power up, the switching phase of all
regulators is defaulted to 0 degrees and can be modified during the system On state.
Table 42. SWx phase configuration
SWx_PHASE[2:0]
Phase shift [degrees]
000
45
001
90
010
135
011
180
100
225
101
270
110
315
111
0 (default)
Each one of the buck regulator provides 2 OTP bits to configure the value of the inductor
used in the corresponding block. The OTP_SWx_LSELECT[1:0] allows to choose the
inductor as shown in Table 43.
Table 43. SWx inductor selection bits
OTP_SWx_LSELECT[1:0]
Inductor value
00
1.0 µH
01
0.47 µH
10
1.5 µH
11
Reserved
15.3.1 SW2 VTT operation
SW2 features a selectable VTT mode to create VTT termination for DDR memories.
When SW2_VTTEN = 1, the VTT mode is enabled. In this mode, SW2 reference voltage
is internally connected to SW1FB output through a divider by 2.
During the VTT mode, the DVS operation on SW2 is disabled and SW2 output is given
by VSW1FB / 2. In this mode, the minimum output voltage configuration for SW1 should be
800 mV to ensure the SW2 is still within the regulation range at its output.
During the power up sequence, the SW2 (VTT) may be turned on in the same or at a slot
higher than SW1, as required by the system. When SW2 and SW1 are enabled in the
same slot, SW2 will always track the VSW1/2. When SW2 is enabled after SW1, it will
ramp up gradually to a predefined voltage and once this voltage is reached, it will start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com