Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T206N-F Datasheet(PDF) 18 Page - Panasonic Semiconductor

Part # T206N-F
Description  TOGGLE SWITCH
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

T206N-F Datasheet(HTML) 18 Page - Panasonic Semiconductor

Back Button T206N-F Datasheet HTML 14Page - Panasonic Semiconductor T206N-F Datasheet HTML 15Page - Panasonic Semiconductor T206N-F Datasheet HTML 16Page - Panasonic Semiconductor T206N-F Datasheet HTML 17Page - Panasonic Semiconductor T206N-F Datasheet HTML 18Page - Panasonic Semiconductor T206N-F Datasheet HTML 19Page - Panasonic Semiconductor T206N-F Datasheet HTML 20Page - Panasonic Semiconductor T206N-F Datasheet HTML 21Page - Panasonic Semiconductor T206N-F Datasheet HTML 22Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
T15
12
ds_62001_0106_en_t15: 010314J
3) .250 Quick-connect terminal
CAD Data
6.1 dia.
29
15.8
27
9.3
19.5
9.3
30.3
17.5±0.4
12±0.4
17.5±0.4
12±0.4
6.1 dia.
6-.250 Quick-
connect terminal
3-.250 Quick-
connect terminal
33
1-pole
2-pole
Keyway
Keyway
30°±4°
30°±8°
M12x1
M12x1
9.3
30.3
9.3
36.5
30.3
6.1 dia.
17.5±0.4
12±0.4
6.1 dia.
12±0.4
17.5±0.4
28
9-.250 Quick-
connect terminal
33
12-.250 Quick-
connect terminal
33
3-pole
4-pole
Keyway
Keyway
30°±8°
30°±8°
M12x1
M12x1
Remark: 1. ON-OFF type does not have terminal no. 2, 5, 8 and 11.
2. There is no through-hole on .250 Quick-connect terminals.
2. Panel-sealed type
1) Solder terminal
CAD Data
17.5
7.5
6
15.8
23.7
10
29
19.5
33
5.5 dia.
18 dia.
M12x1
26.9
10
7.5
17.5
D cut
30°±4°
M12x1
18 dia.
D cut
30°±8°
5.5 dia.
1-pole
2-pole
2) Screw terminal (M3.5)
5.5 dia.
18 dia.
30°±4°
M12x1
18 dia.
30°±8°
9
15.8
27
29
7.5
17.5
10
9.3
19.5
30.2
7.5
17.5
10
33
D cut
M12x1
D cut
5.5 dia.
1-pole
2-pole
Remark: ON-OFF type does not have terminal no. 2 and 5.
3. Terminal-sealed type
1) Solder terminal
CAD Data
29
26.9
19.5
5
33
10.3
7.5
17.5
5.5 dia.
30°±4°
M12x1
18 dia.
30°±8°
5.5 dia.
15.8
23.7
5
10.3
7.5
17.5
D cut
D cut
M12x1
18 dia.
1-pole
2-pole
2) Screw terminal (M3.5)
7.5 10.3
15.8
29
10.3
17.5
29
33
7.5 10.3
19.5
32.2
10.3
17.5
5.5 dia.
M12x1
18 dia.
30°±8°
5.5 dia.
M12x1
18 dia.
D cut
D cut
1-pole
2-pole
30°±4°
Remark: ON-OFF type does not have terminal no. 2 and 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com